Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

780228 Datasheet(PDF) 3 Page - NEC

Part # 780228
Description  Common to 78K/0 Series
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

780228 Datasheet(HTML) 3 Page - NEC

  780228 Datasheet HTML 1Page - NEC 780228 Datasheet HTML 2Page - NEC 780228 Datasheet HTML 3Page - NEC 780228 Datasheet HTML 4Page - NEC 780228 Datasheet HTML 5Page - NEC 780228 Datasheet HTML 6Page - NEC 780228 Datasheet HTML 7Page - NEC 780228 Datasheet HTML 8Page - NEC 780228 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 129 page
background image
3
User's Manual U12326EJ4V0UM
Caution: Purchase of NEC I2C components conveys a license under the Philips I2C Patent Rights to use these
components in an I2C system, provided that the system conforms to the I2C Standard Specification as
defined by Philips.
IEBus is a trademark of NEC Corporation.
NOTES FOR CMOS DEVICES
1
PRECAUTION AGAINST ESD FOR SEMICONDUCTORS
Note:
Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and
ultimately degrade the device operation. Steps must be taken to stop generation of static electricity
as much as possible, and quickly dissipate it once, when it has occurred. Environmental control
must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using
insulators that easily build static electricity. Semiconductor devices must be stored and transported
in an anti-static container, static shielding bag or conductive material. All test and measurement
tools including work bench and floor should be grounded. The operator should be grounded using
wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need
to be taken for PW boards with semiconductor devices on it.
2
HANDLING OF UNUSED INPUT PINS FOR CMOS
Note:
No connection for CMOS device inputs can be cause of malfunction. If no connection is provided
to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence
causing malfunction. CMOS devices behave differently than Bipolar or NMOS devices. Input levels
of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused
pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of
being an output pin. All handling related to the unused pins must be judged device by device and
related specifications governing the devices.
3
STATUS BEFORE INITIALIZATION OF MOS DEVICES
Note:
Power-on does not necessarily define initial status of MOS device. Production process of MOS
does not define the initial operation status of the device. Immediately after the power source is
turned ON, the devices with reset function have not yet been initialized. Hence, power-on does
not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the
reset signal is received. Reset operation must be executed immediately after power-on for devices
having reset function.


Similar Part No. - 780228

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7802 SONARDYNE-7802 Datasheet
81Kb / 2P
   Compatt Mk4 LF
logo
List of Unclassifed Man...
7802 ETC2-7802 Datasheet
515Kb / 1P
   QUICK-FIT TERMINALS
logo
Festo Corporation.
7802 FESTO-7802 Datasheet
106Kb / 2P
   Air solenoid valve
logo
List of Unclassifed Man...
78020 ETC2-78020 Datasheet
254Kb / 3P
   Smooth, high torque, roller ratchet handle
logo
Texas Instruments
78024012A TI-78024012A Datasheet
680Kb / 16P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
More results

Similar Description - 780228

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22N-PS112 OMRON-A22N-PS112 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS175 OMRON-A22N-PS175 Datasheet
809Kb / 19P
   Specifications Common to All
A22N-PS188 OMRON-A22N-PS188 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS116 OMRON-A22N-PS116 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS183 OMRON-A22N-PS183 Datasheet
796Kb / 19P
   Specifications Common to All
logo
Schneider Electric
TM5SPDG12F SCHNEIDER-TM5SPDG12F Datasheet
291Kb / 6P
   Common distribution module, Modicon TM5, 12 x 0 V DC
Apr 6, 2022
logo
List of Unclassifed Man...
ASDX ETC-ASDX Datasheet
104Kb / 4P
   0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
Honeywell Solid State E...
1800-07D-L4N-B HONEYWELL-1800-07D-L4N-B Datasheet
346Kb / 4P
   TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
logo
MicroPower Direct, LLC
MDCFM-03AW MPD-MDCFM-03AW Datasheet
532Kb / 2P
   0 to 80 VDC Input
MDCFM-02A MPD-MDCFM-02A Datasheet
502Kb / 2P
   0 to 80 VDC Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com