Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMF-50316NB-FW-5 Datasheet(PDF) 4 Page - OPTREX CORPORATION

Part # DMF-50316NB-FW-5
Description  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF-50316NB-FW-5 Datasheet(HTML) 4 Page - OPTREX CORPORATION

  DMF-50316NB-FW-5 Datasheet HTML 1Page - OPTREX CORPORATION DMF-50316NB-FW-5 Datasheet HTML 2Page - OPTREX CORPORATION DMF-50316NB-FW-5 Datasheet HTML 3Page - OPTREX CORPORATION DMF-50316NB-FW-5 Datasheet HTML 4Page - OPTREX CORPORATION DMF-50316NB-FW-5 Datasheet HTML 5Page - OPTREX CORPORATION DMF-50316NB-FW-5 Datasheet HTML 6Page - OPTREX CORPORATION DMF-50316NB-FW-5 Datasheet HTML 7Page - OPTREX CORPORATION DMF-50316NB-FW-5 Datasheet HTML 8Page - OPTREX CORPORATION DMF-50316NB-FW-5 Datasheet HTML 9Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DMF-50316NB-FW-5
(AG)
No.99-0114
OPTREX CORPORATION
Page 4/17
OPTREX
2.3.AC Characteristics
VCC=5.0V±10%
Parameter
Symbol
Min.
Max.
Units
C/D Setup Time
tCDS
100
ns
C/D Hold Time
tCDH
10
ns
CE, RD, WR Pulse Width
tCE, tRD, tWR
80
ns
Data Setup Time
tDS
80
ns
Data Hold Time
tDH
40
ns
Access Time
tACC
150
ns
Output Hold Time
tOH
10
50
ns
(WRITE)
(READ)
RD, WR
D0~D7
CE
C/D
D0~D7
tDS
tOH
tDH
tACC
tCE, tRD, tWR
tCDH
tCDS


Similar Part No. - DMF-50316NB-FW-5

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
DMF-5001 KSS-DMF-5001 Datasheet
269Kb / 4P
   Monochrome Graphic & Character LCDs
logo
OPTREX CORPORATION
DMF-50081 OPTREX-DMF-50081 Datasheet
186Kb / 18P
   LCD Module Specification
logo
OPTEK Technologies
DMF-50081ZNB-FW OPTEK-DMF-50081ZNB-FW Datasheet
169Kb / 18P
   DMF-50081ZNB-FW
logo
OPTREX CORPORATION
DMF-50174 OPTREX-DMF-50174 Datasheet
186Kb / 18P
   LCD Module Specification
DMF-50174NB-FW OPTREX-DMF-50174NB-FW Datasheet
186Kb / 18P
   LCD Module Specification
More results

Similar Description - DMF-50316NB-FW-5

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com