Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

828H8D60-6 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 828H8D60-6
Description  2 X 2 8-Pole Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

828H8D60-6 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  828H8D60-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 828H8D60-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 828H8D60-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 828H8D60-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 828H8D60-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 828H8D60-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 828H8D60-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 828H8D60-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 828H8D60-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
828 Series
8-Pole
Low-Pass Filters
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
8-Bit Programmable
1.Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
3
Model
828L8B
828L8E
828L8EX
828L8EY
Product Specifications
Transfer Function
8-Pole
8-Pole, 6 zero
8-Pole, 6 zero
8-Pole, 6 zero
Butterworth
Elliptic
Elliptic
Elliptic
Size
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
Range fc, fr
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 9
Page 24
Page 23
Page 25
Passband Ripple
0.0 dB
± 0.035 dB
- 0.05 dB
- 0.05 dB
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
(non-inverting)
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
Stopband
Attenuation Rate
48 dB/octave
80 dB min.
80 dB min.
100 dB min.
Cutoff Frequency
fc
± 2% max.
fr
± 2% max.
fr
± 2% max.
fr
± 2% max.
Stability
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
Amplitude
-3 dB
-0.035 dB
-0.05dB
-0.05 dB
Phase
-360°
-323.5°
-414°
-419°
Filter Attenuation
0.12 dB
0.80 fc
0.035 dB
1.00 fr
0.05 dB
1.00 fr
0.05 dB
1.00 fr
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.13 fr
3.01 dB
1.05 fr
3.01 dB
1.06 fr
60.0 dB
2.37 fc
60.0 dB
1.67 fr
60.0 dB
1.45 fr
80.0 dB
1.83 fr
80.0 dB
3.16 fc
80.0 dB
1.77 fr
80.0 dB
1.56 fr
100.0 dB
2.00 fr
Phase Match1
0 - 0.8 fc
± 2° max.
0 - 0.8 fr
± 2° max.
0 - 0.8 fr
± 3° max.
0 - 0.8 fr
± 3° max.
± 1° typ.
± 1° typ.
± 1.5° typ.
± 1.5° typ.
0.8 fc - 1.0 fc ± 3° max.
0.8 fr - 1.0 fr ± 4° max.
0.8 fr - 1.0 fr ± 4° max.
0.8 fr - 1.0 fr
± 4° max.
± 1.5° typ.
± 2° typ.
± 2° typ.
± 2° typ.
Amplitude Accuracy
0 - 0.8 fc
± 0.2 dB max.
0 - 0.8 fr
± .2 dB max.
0 - 0.8 fr
± 0.2 dB max.
0 - 0.8 fr
± 0.2 dB max.
(theoretical)
± 0.1 dB typ.
± .1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 fr - 1.0 fr ± .3 dB max.
0.8 fr - 1.0 fr ± 0.5 dB max.
0.8 fr - 1.0 fr
± 0.5 dB max.
± 0.15 dB typ.
± .15 dB typ.
± 0.25 dB typ.
± 0.25 dB typ.
Total Harmonic
< - 100 dB typ.
< - 88 dB typ.
< - 88 dB typ.
< - 88 dB typ.
Distortion @ 1kHz
Wide Band Noise
200
µVrms typ.
200
µVrms typ.
250
µVrms typ.
250
µVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
50
µVrms typ.
50
µVrms typ.
75
µVrms typ.
75
µVrms typ.
(5 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-02A
FMA-02A
FMA-02A
FMA-02A


Similar Part No. - 828H8D60-6

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
828H8D60-6 FREQUENCYDEVICES-828H8D60-6 Datasheet
569Kb / 19P
   2" x 2" 8-Pole Filters
More results

Similar Description - 828H8D60-6

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
828L8B-2 FREQUENCYDEVICES-828L8B-2 Datasheet
569Kb / 19P
   2" x 2" 8-Pole Filters
logo
List of Unclassifed Man...
818L8B ETC1-818L8B Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
858L8B ETC1-858L8B Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
818L8B-1 FREQUENCYDEVICES-818L8B-1 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
D828L8B-2 FREQUENCYDEVICES-D828L8B-2 Datasheet
711Kb / 18P
   2" x 2" Differential Input 8-Pole Filters
logo
List of Unclassifed Man...
824L8B ETC1-824L8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
logo
Frequency Devices, Inc.
824L8B-2 FREQUENCYDEVICES-824L8B-2 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
   2" x 4" Range Switch 8-Pole Filters
D824L8B-2 FREQUENCYDEVICES-D824L8B-2 Datasheet
539Kb / 13P
   2" x 2" Differential Input 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com