Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300C12H300A Datasheet(PDF) 6 Page - Vicor Corporation

Part # V300C12H300A
Description  375Vin / 24Vout / 300Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300C12H300A Datasheet(HTML) 6 Page - Vicor Corporation

  V300C12H300A Datasheet HTML 1Page - Vicor Corporation V300C12H300A Datasheet HTML 2Page - Vicor Corporation V300C12H300A Datasheet HTML 3Page - Vicor Corporation V300C12H300A Datasheet HTML 4Page - Vicor Corporation V300C12H300A Datasheet HTML 5Page - Vicor Corporation V300C12H300A Datasheet HTML 6Page - Vicor Corporation V300C12H300A Datasheet HTML 7Page - Vicor Corporation V300C12H300A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V375B24C300A DC-DC Converter
Rev. 5.2
Page 6 of 8
Set your site on VICOR at www.vicorpower.com
+Sense from
other modules
in the array
+In
PC
PR
–In
+Out
+S
SC
–Out
–S
Figure 12—OR’ing diodes connections.
+Out
+S
SC
–S
–Out
+Out
+S
SC
–S
–Out
+Out
+S
SC
–S
–Out
Load
+S
–S
+S
–S
+S
–S
Module
2
Module
1
+In
PC
PR
–In
+In
PC
PR
–In
Module
N+1
+In
PC
PR
–In
Figure 11—N+1 module array output connections.
Figure 9—DC coupled single-wire interface.
Module 2
(up to 12)
Module
1
Ground plane
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Module 2
(up to 12)
Module
1
Ground plane
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Figure 10—AC coupled single-wire interface.
0.001µF
0.001µF
• The +Out and –Out power buses
should be designed to minimize
and balance parasitic impedance
from each module output to the
load.
• The +Sense pins should be tied
to the same point on the +Out
power bus; the –Sense pins
should be tied to the same point
on the –Out power bus.
• At the discretion of the power
system designer, a subset of all
modules within an array may be
configured as slaves by shorting
SC to –S.
• OR’ing diodes may be inserted in
series with the +Out pins of each
module to provide
module output fault tolerance.
CONTROL FUNCTIONS - PR PIN
Parallel Operation
The PR pin supports paralleling for increased power with N+1
(N+M) redundancy and phased array capability. Modules of
the same input voltage, output voltage, and power level will
current share if all PR pins are suitably interfaced.
Compatible interface architectures include the following:
DC coupled single-wire interface. All PR pins are directly
connected to one another. This interface supports current
sharing but is not fault tolerant. Minus In pins must be tied to
the same electric potential. See Figure 9.
AC coupled single-wire interface. All PR pins are connected to
a single communication bus through 0.001µF (500V)
capacitors. This interface supports current sharing and is fault
tolerant except for the communication bus. See Figure 10.
PIN STYLES *
Designator
Description
Notes
(None)
Short solder
Requires in-board, mounting
L
Long solder
On-board mounting for 0.065" boards
S
Short ModuMate
SurfMate or in-board socket mounting
N
Long ModuMate
On-board socket mounting
* Pin style designator follows the “A” after the output power and precedes the baseplate designator.
Ex. V375A24C600AN — Long ModuMate Pins


Similar Part No. - V300C12H300A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C12H300A VICOR-V300C12H300A Datasheet
184Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V300C12H300A VICOR-V300C12H300A Datasheet
184Kb / 8P
   375Vin / 28Vout / 300Watts DC-DC Converter Module
More results

Similar Description - V300C12H300A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B24C300B VICOR-V375B24C300B Datasheet
145Kb / 8P
   375Vin / 24Vout / 300Watts DC-DC Converter Module
V375B15C300B VICOR-V375B15C300B Datasheet
149Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V375C24C150B VICOR-V375C24C150B Datasheet
142Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375C24C150A VICOR-V375C24C150A Datasheet
175Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375B12C300B VICOR-V375B12C300B Datasheet
145Kb / 8P
   375Vin / 12Vout / 300Watts DC-DC Converter Module
V375B48C300B VICOR-V375B48C300B Datasheet
145Kb / 8P
   375Vin / 48Vout / 300Watts DC-DC Converter Module
V375B28C300A VICOR-V375B28C300A Datasheet
184Kb / 8P
   375Vin / 28Vout / 300Watts DC-DC Converter Module
V375A24C600B VICOR-V375A24C600B Datasheet
150Kb / 8P
   375Vin / 24Vout / 600Watts DC-DC Converter Module
V375B28C300B VICOR-V375B28C300B Datasheet
145Kb / 8P
   375Vin / 28Vout / 300Watts DC-DC Converter Module
V375B15C300A VICOR-V375B15C300A Datasheet
184Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com