Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

858H8L-6 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 858H8L-6
Description  2 X 4 8-Pole Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

858H8L-6 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  858H8L-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 858H8L-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 858H8L-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 858H8L-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 858H8L-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 858H8L-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 858H8L-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 858H8L-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 858H8L-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
8-Bit Programmable
858 Series
8-Pole
High-Pass Filters
Model
858H8B
858H8E
858H8EX
858H8EY
Product Specifications
Transfer Function
8-Pole
8-Pole, 6 zero
8-Pole, 6 zero
8-Pole, 6 zero
Butterworth
Elliptic
Elliptic
Elliptic
Size, Model 2
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
Model 3 thru 6
4.0” x 2.0” x 0.4”
4.0” x 2.0” x 0.4”
4.0” x 2.0” x 0.4”
4.0” x 2.0” x 0.4”
Range fc, fr
0.1 Hz to 102.4 kHz
0.1 Hz to 102.4 kHz
0.1 Hz to 102.4 kHz
0.1 Hz to 102.4 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 29
Page 37
Page 36
Page 38
Passband Ripple
0.0 dB
± 0.035 dB
- 0.05 dB
- 0.05 dB
(theoretical)
Voltage Gain
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
(non-inverting)
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
Power Bandwidth
120 kHz
120 kHz
120 kHz
120 kHz
Small Signal
(-6 dB) 1 MHz
(-6 dB) 1 MHz
(-6 dB) 1 MHz
(-6 dB) 1 MHz
Bandwidth
Stopband
Attenuation Rate
48 dB/octave
80 dB
80 dB
100 dB
Cutoff Frequency
fc
± 2% max.
fr
± 2% max.
fr
± 2% max.
fr
± 2% max.
Stability
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
Amplitude
- 3 dB
- 0.035 dB
- 0.05 dB
- 0.05 dB
Phase
-360°
-323.5°
-414°
-419°
Filter Attenuation
80 dB
0.31 fc
80 dB
0.56 fr
80 dB
0.64 fr
100 dB
0.50 fr
(theoretical)
60.0 dB
0.42 fc
60.0 dB
0.60 fr
60.0 dB
0.69 fr
80.0 dB
0.55 fr
3.01 dB
1.00 fc
3.01 dB
0.88 fr
3.01 dB
0.95 fr
3.01 dB
0.94 fr
0.00 dB
2.00 fc
0.03 dB
1.00 fr
0.03 dB
1.00 fr
0.03 dB
1.00 fr
0.00 dB
2.00 fr
0.00 dB
2.00 fr
0.00 dB
2.00 fr
Phase Match1
fc - 100 kHz ± 3° max.
fr - 1.25 fr
± 4° max.
fr - 1.25 fr
± 4° max.
fr - 1.25 fr
± 4° max.
± 1.5° typ.
± 2° typ.
± 2° typ.
± 2° typ.
1.25 fr-100 kHz ± 2° max.
1.25 fr-100 kHz± 2° max.
1.25 fr-100 kHz ± 3° max.
± 1° typ.
± 1° typ.
± 1.5° typ.
Amplitude Accuracy
fc-1.25 fc
± 0.30 dB max. fr-1.25 fr
± 0.3 dB max. fr-1.25 fr
± 0.5 dB max. fr-1.25 fr
± 0.5 dB max.
(theoretical)
± 0.15 dB typ.
± 0.15 dB typ.
± 0.25 dB typ.
± 0.25 dB typ.
1.25 fc-100kHz± 0.20 dB max.
1.25 fr-100 kHz ± 0.2 dB max.
1.25 fr-100 kHz ± 0.2 dB max.
1.25 fr-100 kHz ± 0.2 dB max.
± 0.10 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
Total Harmonic
< - 100 dB typ.
< - 88 dB typ.
< - 88 dB typ.
< - 88 dB typ.
Distortion @ 1 kHz
Wide Band Noise
400
mVrms typ.
400
mVrms typ.
500
mVrms typ.
500
mVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
100
mVrms typ.
100
mVrms typ.
150
mVrms typ.
150
mVrms typ.
(5 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-03A
FMA-03A
FMA-03A
FMA-03A
1.Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
5


Similar Part No. - 858H8L-6

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
858H8L-6 FREQUENCYDEVICES-858H8L-6 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
858H8L-6 FREQUENCYDEVICES-858H8L-6 Datasheet
524Kb / 19P
   8-Bit Programmable
More results

Similar Description - 858H8L-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
818L8B ETC1-818L8B Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
818L8B-1 FREQUENCYDEVICES-818L8B-1 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
logo
List of Unclassifed Man...
828L8B ETC1-828L8B Datasheet
605Kb / 19P
   2 X 2 8-Pole Filters
logo
Frequency Devices, Inc.
828L8B-2 FREQUENCYDEVICES-828L8B-2 Datasheet
569Kb / 19P
   2" x 2" 8-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
   2" x 4" Range Switch 8-Pole Filters
logo
List of Unclassifed Man...
824L8B ETC1-824L8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
logo
Frequency Devices, Inc.
824L8B-2 FREQUENCYDEVICES-824L8B-2 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
854L8B-1 FREQUENCYDEVICES-854L8B-1 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
logo
List of Unclassifed Man...
854L8B ETC1-854L8B Datasheet
432Kb / 13P
   2 X 4 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com