Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3NR-NB1A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # K3NR-NB1A
Description  High-speed, Intelligent Interface Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

K3NR-NB1A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button K3NR-NB1A Datasheet HTML 2Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 3Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 4Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 5Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 6Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 7Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 8Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 9Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
K-134
Frequency/Rate Meter
K3NR
Connections
I Terminal Arrangement
Input Unit
K3NR-NB
K3NR-PB (PNP Input)
(NPN Input/Voltage Pulse Input)
18 19 20 21 22 23 24 25 26
10
11
12
13 14
15
16
17
1
2
3
4
5
6
7
8
9
Terminal Numbers
Output unit
Input unit
Output
unit
Input
unit
Note: Terminals 7 to 13 are connected internally.
Terminals 7 and 11 are mutually isolated.
+
Signal input terminal
12 VDC
80 mA
When inputting the external control signals and input signals
through the open collector:
Transistor Inputs:
ON: Residual voltage must be 3 V max.
OFF: Leakage current must be 1.5 mA max.
The switching capacity must be 20 mA or greater.
When the external signal input is short-circuited, a voltage of
approximately 5 V will be applied to between the terminals 5 to 7
and the COM terminal, and a current of approximately 18 mA
(nominal value) will flow.
100 to 240 VAC
or 12 to 24 VDC
Note:
Check the power supply specifications of the mod-
el used before connecting the power supply.
+12 V
+12 V
590
590
820
820
+12 V
10
1
2
11
GND
GND
+12 V
590
820
3
GND
10 k
+12 V
590
820
4
11
GND
10 k
+12 V
+12 V
590
820
10
1
2
11
GND
GND
GND
590
820
External
sensor
power
supply (+)
Input A
Input B
External
sensor
power
supply (
−)
Voltage Pulse Inputs
Input A
Input B
PNP-Inputs
External
sensor
power
supply (+)
Input A
Input B
External
sensor
power
supply (
−)
NPN Inputs
10
11
12
3
4
+12 V
INA
INB
0 V
10
11
12
3
4
INA
INB
GND
10
11
12
3
4
+12V
INA
INB
0 V
+12V
INA
INB
0 V
10
11
12
3
4
Contact
NPN output sensor
PNP output sensor
Contact Output
Voltage Output
PNP Open Collector Output
NPN Open Collector Output
(NPN Linear 2-wire Output)
Note: Connect the + side of the NPN
linear 2-wire input to terminal 1
and the
− side to terminal 11.
Note: With voltage pulse input
not from a 3-wire sensor,
connect the + side to ter-
minal 3 and the
− side to
terminal 11.
Note: When the contact is short-
circuited, a current of approxi-
mately 13 mA will flow at a volt-
age of approximately 12 V.
Input resistance: 10 k
Voltage pulse output sensor


Similar Part No. - K3NR-NB1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K3NC OMRON-K3NC Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB1A OMRON-K3NC-NB1A Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB1C OMRON-K3NC-NB1C Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB2A OMRON-K3NC-NB2A Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB2C OMRON-K3NC-NB2C Datasheet
685Kb / 23P
   Up/Down Counting Meter
More results

Similar Description - K3NR-NB1A

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
M502M SYSTEMSENSOR-M502M Datasheet
394Kb / 2P
   Intelligent Modules
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
logo
Crystalfontz America, I...
CFA632 CRYSTAIFONTZ-CFA632 Datasheet
5Mb / 54P
   INTELLIGENT LCD MODULES
logo
Mitsubishi Electric Sem...
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com