Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWEP75-06 Datasheet(PDF) 8 Page - IXYS Corporation

Part # DWEP75-06
Description  Rectifier Diodes & FRED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWEP75-06 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button DWEP75-06 Datasheet HTML 4Page - IXYS Corporation DWEP75-06 Datasheet HTML 5Page - IXYS Corporation DWEP75-06 Datasheet HTML 6Page - IXYS Corporation DWEP75-06 Datasheet HTML 7Page - IXYS Corporation DWEP75-06 Datasheet HTML 8Page - IXYS Corporation DWEP75-06 Datasheet HTML 9Page - IXYS Corporation DWEP75-06 Datasheet HTML 10Page - IXYS Corporation DWEP75-06 Datasheet HTML 11Page - IXYS Corporation DWEP75-06 Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
20
© 2004 IXYS All rights reserved
FRED - Fast Recovery Epitaxial Diodes
Type
VRRM
TVJM
RthJC 1
TVJ =
@-di/dt
trr
@IF
typ.
25°C
@
VR = 30 V
V
°C
K/W
V
V
°C
typ. ns
A
DWEP 27-02
200
5.0
150
54
0.9
1.09
0.84
150
30
300
4
50
100
35
1
100
DWEP 37-02
11.0
91
tbd
1.03
0.87
150
100
475
4
100
100
35
1
200
DWEP 77-02
20.0
244
0.4
1.12
0.87
150
125
1200
2
12.5
25
tbd
1
350
DWEP 8-06
600
1.5
tbd
2.5
1.65
1.48
150
8
50
5
12
100
tbd
tbd
tbd
DWEP 12-06
1.5
8
2.5
1.45
1.31
150
8
100
5
25
100
35
1
50
DWEP 15-06
3.0
12
1.6
1.65
1.48
150
16
100
5
25
100
35
1
50
DWEP 23-06
7.0
30
0.9
1.53
1.33
150
30
250
5
50
100
35
1
100
DWEP 25-06
7.0
30
0.9
1.53
1.38
150
43
300
5
50
100
35
1
100
DWEP 35-06
14.0
60
0.8
1.73
1.48
150
70
550
5
100
100
35
1
200
DWEP 55-06
17.0
80
0.7
1.58
1.38
125
75
600
5
100
100
35
1
200
DWEP 75-06
20.0
162
0.4
1.31
1.10
125
75
1000
20
80
200
35
1
350
DWEP 3-10
1000
2.0
tbd
2.5
2.65
2.09
150
6
40
7
12
100
tbd
tbd
tbd
DWEP 10-10
4.0
12
1.6
2.65
2.09
150
12
75
5
25
100
35
1
50
DWEP 18-10
7.0
30
0.9
2.43
2.04
150
30
200
7
50
100
35
1
100
DWEP 20-10
7.0
30
0.9
2.35
1.99
150
36
200
7
50
100
35
1
100
DWEP 30-10
14.0
60
0.8
2.24
1.79
150
60
500
7
100
100
35
1
200
DWEP 50-10
17.0
82
0.7
2.12
1.68
125
50
500
6
50
120
35
1
200
DWEP 70-10
20.0
129
0.4
1.89
1.57
125
75
800
14
80
200
35
1
350
DWEP 6-12
1200
2.0
tbd
2.5
2.55
2.19
150
5
80
7
10
100
tbd
tbd
tbd
DWEP 9-12
4.0
12
1.6
2.55
2.19
150
12
75
5
25
100
50
1
50
DWEP 17-12
7.0
30
0.9
2.60
2.19
150
30
200
7
50
100
40
1
100
DWEP 19-12
7.0
30
0.9
2.50
2.19
150
30
200
7
50
100
40
1
100
DWEP 29-12
14.0
60
0.7
2.35
1.94
150
60
500
7
100
100
40
1
200
DWEP 49-12
17.0
77
0.7
2.19
1.89
125
50
500
9
50
100
40
1
200
DWEP 69-12
20.0
123
0.4
1.77
1.54
125
75
800
20
75
200
40
1
350
1 Mounted on DCB
IR
VRRM
125°C
mA
rect. d = 0.5
@IF
TC = 100°C
IF(AV)M
IFSM
VF
A/µs
@-di/dt
Reverse Recovery
A
IRM
@IF
AA
A
25°C; VR = 100 V


Similar Part No. - DWEP75-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DWE0.5-8 ETC2-DWE0.5-8 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
DWE0.75-8 ETC2-DWE0.75-8 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
DWE1-8 ETC2-DWE1-8 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
DWE1.5-8 ETC2-DWE1.5-8 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
DWE10-12 ETC2-DWE10-12 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
More results

Similar Description - DWEP75-06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBE60-06A IXYS-VBE60-06A Datasheet
41Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
L566 IXYS-L566 Datasheet
54Kb / 2P
   Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE17-06NO7 IXYS-VBE17-06NO7 Datasheet
189Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-12NO7 IXYS-VBE100-12NO7 Datasheet
55Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE20 IXYS-VBE20 Datasheet
61Kb / 1P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE35-06NO7 IXYS-VUE35-06NO7 Datasheet
186Kb / 2P
   Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-06NO7 IXYS-VBE100-06NO7 Datasheet
53Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
Shenzhen Luguang Electr...
MUR80120P LUGUANG-MUR80120P Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes FRED Pt
Revision:20220701-P1
logo
IXYS Corporation
L363 IXYS-L363 Datasheet
315Kb / 2P
   ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)
VUE75-12NO7 IXYS-VUE75-12NO7 Datasheet
186Kb / 2P
   ECO-PAC Threee Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com