Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWEP30-10 Datasheet(PDF) 11 Page - IXYS Corporation

Part # DWEP30-10
Description  Rectifier Diodes & FRED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWEP30-10 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button DWEP30-10 Datasheet HTML 7Page - IXYS Corporation DWEP30-10 Datasheet HTML 8Page - IXYS Corporation DWEP30-10 Datasheet HTML 9Page - IXYS Corporation DWEP30-10 Datasheet HTML 10Page - IXYS Corporation DWEP30-10 Datasheet HTML 11Page - IXYS Corporation DWEP30-10 Datasheet HTML 12Page - IXYS Corporation DWEP30-10 Datasheet HTML 13Page - IXYS Corporation DWEP30-10 Datasheet HTML 14Page - IXYS Corporation DWEP30-10 Datasheet HTML 15Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
23
© 2004 IXYS All rights reserved
Low Leakage Fast Recovery Epitaxial Diodes
Type
Si-
thickn.
A
B
mm
mm
mm
DWLP 4-02
1960
3.00
1.80
0.37
DWLP 15-02
990
3.25
3.25
0.37
DWLP 15-02B
990
3.25
3.25
0.37
DWLP 25-02
518
4.45
4.45
0.37
DWLP 4-03
1960
3.00
1.80
0.37
DWLP 8-03
1612
3.60
1.80
0.37
DWLP 15-03
990
3.25
3.25
0.37
DWLP 15-03A
990
3.25
3.25
0.37
DWLP 23-03
531
5.50
3.50
0.37
DWLP 23-03A
531
5.50
3.50
0.37
DWLP 55-03
230
8.65
4.95
0.37
DWLP 75-03
151
8.91
7.22
0.37
DWLP 8-04
1612
3.60
1.80
0.38
DWLP 15-04
990
3.25
3.25
0.38
DWLP 23-04
531
5.50
3.50
0.38
DWLP 55-04
230
8.65
4.95
0.38
DWLP 75-04
151
8.91
7.22
0.38
DWLP 150-04
74
13.00
9.77
0.38
DWLP 4-06
1960
3.00
1.80
0.40
DWLP 8-06A
1612
3.60
1.80
0.40
DWLP 8-06B
1612
3.60
1.80
0.40
DWLP 15-06A
990
3.25
3.25
0.40
DWLP 15-06B
990
3.25
3.25
0.40
DWLP 23-06A
531
5.50
3.50
0.40
DWLP 23-06B
531
5.50
3.50
0.40
DWLP 55-06
230
8.65
4.95
0.40
DWLP 75-06
151
8.91
7.22
0.40
DWLP 8-12
1612
3.60
1.80
0.46
DWLP 15-12
990
3.25
3.25
0.46
DWLP 23-12
531
5.50
3.50
0.46
DWLP 55-12
230
8.65
4.95
0.46
DWLP 75-12
151
8.91
7.22
0.46
Tolerance
-0.1
-0.1
±5%
Chips
per
Wafer
Dimensions


Similar Part No. - DWEP30-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DWE0.5-8 ETC2-DWE0.5-8 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
DWE0.75-8 ETC2-DWE0.75-8 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
DWE1-8 ETC2-DWE1-8 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
DWE1.5-8 ETC2-DWE1.5-8 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
DWE10-12 ETC2-DWE10-12 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
More results

Similar Description - DWEP30-10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBE60-06A IXYS-VBE60-06A Datasheet
41Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
L566 IXYS-L566 Datasheet
54Kb / 2P
   Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE17-06NO7 IXYS-VBE17-06NO7 Datasheet
189Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-12NO7 IXYS-VBE100-12NO7 Datasheet
55Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE20 IXYS-VBE20 Datasheet
61Kb / 1P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE35-06NO7 IXYS-VUE35-06NO7 Datasheet
186Kb / 2P
   Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-06NO7 IXYS-VBE100-06NO7 Datasheet
53Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
Shenzhen Luguang Electr...
MUR80120P LUGUANG-MUR80120P Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes FRED Pt
Revision:20220701-P1
logo
IXYS Corporation
L363 IXYS-L363 Datasheet
315Kb / 2P
   ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)
VUE75-12NO7 IXYS-VUE75-12NO7 Datasheet
186Kb / 2P
   ECO-PAC Threee Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com