Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM51V16805BSL Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM51V16805BSL
Description  2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V16805BSL Datasheet(HTML) 8 Page - OKI electronic componets

  MSM51V16805BSL Datasheet HTML 1Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 2Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 3Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 4Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 5Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 6Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 7Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
376
MSM51V16805B/BSL
¡ Semiconductor
Notes:
1. A start-up delay of 200
µs is required after power-up, followed by a minimum of eight
initialization cycles (
RAS-only refresh or CAS before RAS refresh) before proper device
operation is achieved.
2. The AC characteristics assume tT = 2 ns.
3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals.
Transition times (tT) are measured between VIH and VIL.
4. This parameter is measured with a load circuit equivalent to 1 TTL load and 100 pF.
The output timing reference levels are VOH = 2.0 V and VOL = 0.8 V.
5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified
tRCD (Max.) limit, then the access time is controlled by tCAC.
6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified
tRAD (Max.) limit, then the access time is controlled by tAA.
7. tCEZ (Max.), tREZ (Max.), tWEZ (Max.) and tOEZ (Max.) define the time at which the
output achieves the open circuit condition and are not referenced to output voltage
levels.
8. tCEZ and tREZ must be satisfied for open circuit condition.
9. tRCH or tRRH must be satisfied for a read cycle.
10. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are
included in the data sheet as electrical characteristics only. If tWCS ≥ tWCS (Min.), then
the cycle is an early write cycle and the data out will remain open circuit (high
impedance) throughout the entire cycle. If tCWD ≥ tCWD (Min.) , tRWD ≥ tRWD (Min.),
tAWD ≥ tAWD (Min.) and tCPWD ≥ tCPWD (Min.), then the cycle is a read modify write
cycle and data out will contain data read from the selected cell; if neither of the above
sets of conditions is satisfied, then the condition of the data out (at access time) is
indeterminate.
11. These parameters are referenced to the
CAS leading edge in an early write cycle, and
to the
WE leading edge in an OE control write cycle, or a read modify write cycle.
12. The test mode is initiated by performing a
WE and CAS before RAS refresh cycle.
This mode is latched and remains in effect until the exit cycle is generated.
The test mode specified in this data sheet is a 2-bit parallel test function. CA8 is not
used. In a read cycle, if all internal bits are equal, the DQ pin will indicate a high
level. If any internal bits are not equal, the DQ pin will indicate a low level.
The test mode is cleared and the memory device returned to its normal operating
state by performing a
RAS-only refresh cycle or a CAS before RAS refresh cycle.
13. In a test mode read cycle, the value of access time parameters is delayed for 5 ns for the
specified value. These parameters should be specified in test mode cycle by adding the
above value to the specified value in this data sheet.
14. Only SL version.
See ADDENDUM O for AC Timing Waveforms


Similar Part No. - MSM51V16805BSL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D OKI-MSM51V16805D Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D-50JS OKI-MSM51V16805D-50JS Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D-50TS-K OKI-MSM51V16805D-50TS-K Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D-60JS OKI-MSM51V16805D-60JS Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM51V16805BSL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805A OKI-MSM51V17805A Datasheet
587Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D OKI-MSM51V16805D Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116805A OKI-MSM5116805A Datasheet
580Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805B OKI-MSM51V17805B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805D OKI-MSM51V17805D Datasheet
403Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com