Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM51V16805BSL Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM51V16805BSL
Description  2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V16805BSL Datasheet(HTML) 1 Page - OKI electronic componets

  MSM51V16805BSL Datasheet HTML 1Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 2Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 3Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 4Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 5Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 6Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 7Page - OKI electronic componets MSM51V16805BSL Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
369
¡ Semiconductor
MSM51V16805B/BSL
DESCRIPTION
The MSM51V16805B/BSL is a 2,097,152-word
¥ 8-bit dynamic RAM fabricated in Oki's silicon-gate
CMOS technology. The MSM51V16805B/BSL achieves high integration, high-speed operation, and
low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/
double-layer metal CMOS process. The MSM51V16805B/BSL is available in a 28-pin plastic SOJ or
28-pin plastic TSOP. The MSM51V16805BSL (the self-refresh version) is specially designed for
lower-power applications.
FEATURES
• 2,097,152-word
¥ 8-bit configuration
• Single 3.3 V power supply,
±0.3 V tolerance
• Input
: LVTTL compatible, low input capacitance
• Output : LVTTL compatible, 3-state
• Refresh : 4096 cycles/64 ms, 4096 cycles/128 ms (SL version)
• Fast page mode with EDO, read modify write capability
CAS before RAS refresh, hidden refresh, RAS-only refresh capability
CAS before RAS self-refresh capability (SL version)
• Multi-bit test mode capability
• Package options:
28-pin 400 mil plastic SOJ
(SOJ28-P-400-1.27)
(Product : MSM51V16805B/BSL-xxJS)
28-pin 400 mil plastic TSOP
(TSOPII28-P-400-1.27-K) (Product : MSM51V16805B/BSL-xxTS-K)
xx indicates speed rank.
PRODUCT FAMILY
¡ Semiconductor
MSM51V16805B/BSL
2,097,152-Word
¥ 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805B/BSL-70 70 ns
124 ns
84 ns
396 mW
540 mW
Family
Access Time (Max.)
Cycle Time
(Min.)
Standby (Max.)
Power Dissipation
MSM51V16805B/BSL-50
tRAC
50 ns
35 ns
tAA
25 ns
20 ns
tCAC
13 ns
20 ns
tOEA
13 ns
MSM51V16805B/BSL-60 60 ns
104 ns
468 mW
30 ns
15 ns
15 ns
Operating (Max.)
1.8 mW/
0.72 mW (SL version)
E2G0077-17-41


Similar Part No. - MSM51V16805BSL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D OKI-MSM51V16805D Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D-50JS OKI-MSM51V16805D-50JS Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D-50TS-K OKI-MSM51V16805D-50TS-K Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D-60JS OKI-MSM51V16805D-60JS Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM51V16805BSL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805A OKI-MSM51V17805A Datasheet
587Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D OKI-MSM51V16805D Datasheet
851Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116805A OKI-MSM5116805A Datasheet
580Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805B OKI-MSM51V17805B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805D OKI-MSM51V17805D Datasheet
403Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com