Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC104S1-A1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LC104S1-A1
Description  PRELIMINARY SPECIFICATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LC104S1-A1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LC104S1-A1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Page 2 / 28
SPECIFICATION
Liquid Crystal Display LC104S1-A1
NO.
ITEM
Page
COVER
CONTENTS
RECORD OF REVISIONS
GENERAL DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
ELECTRICAL CHARACTREISTICS
INTERFACE CONNECTIONS
SIGNAL TIMING SPECIFICATIONS
SIGNAL TIMING WAVEFORMS
COLOR INPUT DATA REFERNECE
POWER SEQUENCE
OPTICAL SPECIFICATIONS
MECHANICAL CHARACTERISTICS
RELIABILITY
INTERNATIONAL STANDARDS
SAFETY
EMC
PACKING
DESIGNATION OF LOT MARK
PAKING FORM
PRECAUTIONS
-
-
-
1
2
3
3-1
3-2
3-3
3-4
3-5
3-6
4
5
6
7
7-1
7-2
8
8-1
8-2
9
1
2
3
4
5
6
6
8
10
11
12
13
14
18
22
23
23
23
24
24
24
25
TRANSMISSIVE MODE
REFLECTIVE MODE
4-1
4-2
INCOMING INSPECTION STANDARD
10
25
14
17
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi


Similar Part No. - LC104S1-A1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LC104 SUMIDA-LC104 Datasheet
115Kb / 1P
   General Power Transformer
LC104B SUMIDA-LC104B Datasheet
118Kb / 1P
   General Power Transformer
logo
Cornell Dubilier Electr...
LC104M CDE-LC104M Datasheet
142Kb / 1P
   EIA Class 3, Semiconductor Type Reduced Titanite Disc Ceramic Capacitors
logo
Littelfuse
LC104R2K LITTELFUSE-LC104R2K Datasheet
194Kb / 2P
   LC Series Miniature Thermistors
Revised: March 23, 2021
More results

Similar Description - LC104S1-A1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
   Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
   Preliminary specification
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
   Preliminary Specification
LMT040DNPFWD TOPWAY-LMT040DNPFWD Datasheet
1Mb / 23P
   Preliminary Specification
logo
Vectron International, ...
TFS400K VECTRON-TFS400K Datasheet
156Kb / 5P
   Preliminary Specification
TFS525 VECTRON-TFS525 Datasheet
73Kb / 5P
   Preliminary specification
TFS238A VECTRON-TFS238A Datasheet
113Kb / 5P
   Preliminary Specification
TFS868B VECTRON-TFS868B Datasheet
72Kb / 5P
   Preliminary specification
TFS1960 VECTRON-TFS1960 Datasheet
74Kb / 5P
   Preliminary Specification
TFS100C VECTRON-TFS100C Datasheet
39Kb / 5P
   Preliminary Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com