Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24039 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ24039
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24039 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24039 Datasheet HTML 1Page - Texas Instruments BQ24039 Datasheet HTML 2Page - Texas Instruments BQ24039 Datasheet HTML 3Page - Texas Instruments BQ24039 Datasheet HTML 4Page - Texas Instruments BQ24039 Datasheet HTML 5Page - Texas Instruments BQ24039 Datasheet HTML 6Page - Texas Instruments BQ24039 Datasheet HTML 7Page - Texas Instruments BQ24039 Datasheet HTML 8Page - Texas Instruments BQ24039 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
AC
USB
BAT
OUT
bq2403x
PACK+
PACK−
System
VDC
GND
VBUS
GND
D+
D −
USB Port
AC Adapter
+
Q1
Q2
Q3
UDG−04082
40 m
(2)
bq24030, bq24031, bq24032,
bq24032A, bq24035, bq24038, bq24039
SLUS618C – AUGUST 2004 – REVISED JUNE 2005
SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY™-III)
Smart Phones and PDA
Small 3,5 mm × 4,5 mm QFN Package
MP3 Players
Designed for Single-Cell Li-Ion- or
Digital Cameras Handheld Devices
Li-Polymer-Based Portable Applications
Internet Appliances
Integrated Dynamic Power-Path Management
(DPPM) Feature Allowing the AC Adapter or
the USB Port to Simultaneously Power the
System and Charge the Battery
The bqTINY™-III series of devices are highly inte-
Power Supplement Mode Allows Battery to
grated Li-ion linear chargers and system power-path
management devices targeted at space-limited port-
Supplement the USB or AC Input Current
able applications. The bqTINY-III series offer inte-
Autonomous Power Source Selection (AC
grated USB-port and DC supply (AC adapter),
Adapter or USB)
power-path
management
with
autonomous
Integrated USB Charge Control With
power-source selection, power FETs and current
Selectable 100-mA and 500-mA Maximum
sensors, high accuracy current and voltage regu-
Input Current Regulation Limits
lation, charge status, and charge termination, in a
single monolithic device.
USB High Current Regulation Limit, 1 A Max
(bq24039 Only)
The bqTINY-III powers the system while indepen-
dently charging the battery. This feature reduces the
Dynamic Total Current Management
charge and discharge cycles on the battery, allows
for USB
for proper charge termination and allows the system
Supports Up to 2-A Total Current
to run with an absent or defective battery pack. This
3.3-V Integrated LDO Output
feature also allows for the system to instantaneously
turn on from an external power source in the case of
Thermal Regulation for Charge Control
a deeply discharged battery pack. The IC design is
Charge Status Outputs for LED or System
focused on supplying continuous power to the system
Interface Indicates Charge and Fault
when available from the AC, USB, or battery sources.
Conditions
Reverse Current, Short-Circuit, and Thermal
Protection
Power Good (AC Adapter and USB Port
Present) Status Outputs
Charge Voltage Options: 4.2 V or 4.36 V
POWER FLOW DIAGRAM (1)
(1)
See Figure 2 and functional block diagram for more detailed feature information.
(2)
P-FET back gate body diodes are disconnected to prevent body diode conduction.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
bqTINY is a trademark of Texas Instruments.
UNLESS OTHERWISE NOTED this document contains PRO-
Copyright © 2004–2005, Texas Instruments Incorporated
DUCTION DATA information current as of publication date. Prod-
ucts conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.


Similar Part No. - BQ24039

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030IRHLRQ1 TI1-BQ24030IRHLRQ1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030RHLR TI-BQ24030RHLR Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
More results

Similar Description - BQ24039

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com