Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24039 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24039
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24039 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24039 Datasheet HTML 1Page - Texas Instruments BQ24039 Datasheet HTML 2Page - Texas Instruments BQ24039 Datasheet HTML 3Page - Texas Instruments BQ24039 Datasheet HTML 4Page - Texas Instruments BQ24039 Datasheet HTML 5Page - Texas Instruments BQ24039 Datasheet HTML 6Page - Texas Instruments BQ24039 Datasheet HTML 7Page - Texas Instruments BQ24039 Datasheet HTML 8Page - Texas Instruments BQ24039 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
bq24030, bq24031, bq24032,
bq24032A, bq24035, bq24038, bq24039
SLUS618C – AUGUST 2004 – REVISED JUNE 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOSFET
gates.
The power select pin, PSEL, defines which input source is to be used first (primary source – AC or USB). If the
primary source is not available, then the IC automatically switches over to the other secondary source if available
or the battery as the last option. If the PSEL is set low, the USB input is selected first and if not available, the AC
line is selected (if available) but programmed to a USB input limiting rate (100 mA/500 mA max). This feature
allows the use of one input connector, where the host programs the PSEL pin according to what source is
connected (AC adaptor or USB port).
The bq24039 has replaced the PSEL pin (node now tied high internally – AC priority) with the ISET3 pin that
allows for twice the standard USB input limiting current levels (200 mA/1000 mA), when set to high. This is a
feature for manufacturers that supply their own USB power source that is rated for this higher current level.
The bq24038 replaces USBPG with pin VBSEL, to enable user selection of the charge voltage. In addition, pin
ACPG was modified to PG. PG is active low when either ac power or USB power is detected.
The ISET1 pin programs the battery's fast charge constant current level with a resistor. During normal AC
operation, the input supply provides power to both the OUT (System) and BAT pins. For peak or excessive loads
(typically when operating from the USB power, PSEL = Low) that would cause the input source to enter current
limit (or Q3 - USB FET limiting current) and its source and system voltage (OUT pin) to drop, the dynamic
power-path management (DPPM) feature reduces the charging current attempting to prevent any further drop in
system voltage. This feature allows the selection of a lower current rated adaptor based on the average load
(ISYS-AVG + IBAT-PGM ) rather than a high peak transient load.
ORDERING INFORMATION(1)
BATTERY
OUT PIN FOR AC
PART
PACKAGE
TA
STATUS
VOLTAGE (V)
INPUT CONDITIONS
NUMBER(2)(3)
MARKING
4.2
Regulated to 6 V(4)
bq24030RHLR
Released
ANB
4.2
Regulated to 4.4 V(4)
bq24032RHLR
Released
AMZ
–40°C to 125°C
4.2
Regulated to 4.4 V(4)
bq24032ARHLR
Released
BPE
4.2
Regulated to 4.4 V(4)
bq24032ARHLT
Released
BPE
4.2
Cutoff for AC overvoltage(5)
bq24035RHLR
Released
ANA
4.2
Cutoff for AC overvoltage(5)
bq24039RHLR
Preview
ANH
4.36
Regulated to 6 V(4)
bq24031RHLR
Preview
BOU
4.36
Regulated to 6 V(4)
bq24031RHLT
Preview
BOU
4.2/4.36 Selectable
Regulated to 4.4 V
bq24038RHLR
Released
BOW
4.2/4.36 Selectable
Regulated to 4.4 V
bq24038RHLT
Released
BOW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The RHL package is available in the following options:
R - taped and reeled in quantities of 3,000 devices per reel.
T - taped and reeled in quantities of 250 devices per reel.
(3)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(4)
If AC < VO(OUT-REG), the AC is connected to the OUT pin by a P-FET, (Q1).
(5)
If AC > V(CUT-OFF) the P-FET disconnects the OUT pin from the AC.
2


Similar Part No. - BQ24039

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030IRHLRQ1 TI1-BQ24030IRHLRQ1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030RHLR TI-BQ24030RHLR Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
More results

Similar Description - BQ24039

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com