Electronic Components Datasheet Search |
|
LM385-2.5CUBG Datasheet(PDF) 7 Page - Analog Intergrations Corporation |
|
LM385-2.5CUBG Datasheet(HTML) 7 Page - Analog Intergrations Corporation |
7 / 7 page LM385-2.5/LM385B-2.5 7 l SOT-89 (unit: mm) SYMBOL MIN MAX A 1.40 1.60 B 0.36 0.48 C 0.35 0.44 D 4.40 4.60 D1 1.62 1.83 E 2.29 2.60 e 1.50 (TYP.) e1 3.00 (TYP.) H 3.94 4.25 B e H e1 D D1 A C L E L 0.89 1.20 l TO-92 (unit: mm) SYMBOL MIN MAX A 4.32 5.33 C 0.38 (TYP.) D 4.40 5.20 E 3.17 4.20 e1 1.27 (TYP.) A L e1 D C E L 12.7 - |
Similar Part No. - LM385-2.5CUBG |
|
Similar Description - LM385-2.5CUBG |