Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD-700-LAC-GAB-XX.XXX Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CD-700-LAC-GAB-XX.XXX
Description  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CD-700-LAC-GAB-XX.XXX Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CD-700-LAC-GAB-XX.XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 8Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 9Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 10Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 11Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 12Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 13Page - List of Unclassifed Manufacturers CD-700-LAC-GAB-XX.XXX Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel:1-88-VECTRON-1
Website: www.vectron.com
Page 10 of 14
Rev : 06Jul05
Figure 8. 8kHz to 44.736 MHz Frequency Translation
Figure 9. 8kHz to 19.44MHz Frequency Translation
8 kHz (pin 5)
pin 13
pin 1
pin 15
pin 16
pin 2
pin 3
20k 0.01uF 20k 2.2uF 330k 20k
0.1uF
10k , 2.2uF
10k
÷ 1215
16kHz (pin 6)
CD-700
19.440MHz
44.736 MHz
8 kHz (pin 5)
pin 1
pin 15
pin 16
pin 2
pin 3
10k 0.01uF 10k 2.2uF 330k 20k
0.1uF
10k , 2.2uF
10k
÷ 2796
16kHz (pin 6)
CD-700
pin 13
VCXO
VCXO
÷
÷
3.3 V
3.3 V


Similar Part No. - CD-700-LAC-GAB-XX.XXX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CD-700-LAC-GAB-77.760 VECTRON-CD-700-LAC-GAB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Similar Description - CD-700-LAC-GAB-XX.XXX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com