Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3HT-1E1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # E3HT-1E1
Description  8 mm Metal Cylindrical Photoelectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

E3HT-1E1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  E3HT-1E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers E3HT-1E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers E3HT-1E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers E3HT-1E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E3HT
5
E3HT
Dimensions
Unit: mm
s DIFFUSE REFLECTIVE TYPE
s THROUGH-BEAM TYPE
Mounting
Do not exceed the torque listed in the table below when
tightening the mounting nuts.
Drawing section
A
B
Length
Front 12 mm
Back 18 mm
(0.47 in)
(0.71 in)
Maximum
20 kg-cm
30 kg-cm
allowable torque
17.3 in-lbs
26 in-lbs
OMRON ELECTRONICS LLC
OMRON CANADA, INC.
One East Commerce Drive
885 Milner Avenue
Schaumburg, IL 60173
Scarborough, Ontario M1B 5V8
1-800-55-OMRON
416-286-6465
Cat. No. CEDSAX4
11/01
Specifications subject to change without notice.
Printed in the U.S.A.
OMRON ON-LINE
Global - http://www.omron.com
USA - http://www.omron.com/oei
Canada - http://www.omron.com/oci


Similar Part No. - E3HT-1E1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3HF OMRON-E3HF Datasheet
264Kb / 5P
   Thin-Profile 7-mm Photoelectric Sensor
E3HF-1E2 OMRON-E3HF-1E2 Datasheet
264Kb / 5P
   Thin-Profile 7-mm Photoelectric Sensor
More results

Similar Description - E3HT-1E1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CY-100 PANASONIC-CY-100 Datasheet
568Kb / 6P
   Cylindrical Photoelectric Sensor
CY-111A PANASONIC-CY-111A Datasheet
568Kb / 4P
   Cylindrical Photoelectric Sensor
logo
Omron Electronics LLC
E3F2 OMRON-E3F2 Datasheet
191Kb / 14P
   M18 Cylindrical Photoelectric
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207 Datasheet
122Kb / 4P
   Metal Film, Cylindrical Resistors
Revision 05-Mar-02
logo
Central Technologies
CTMFCR CT-CTMFCR Datasheet
469Kb / 3P
   Metal Film, Cylindrical Resistors
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204 Datasheet
134Kb / 6P
   Metal Film, Cylindrical Resistors
Revision 21-Oct-02
PMM0204 VISHAY-PMM0204_15 Datasheet
340Kb / 5P
   Metal Film, Cylindrical Resistors
Revision: 15-Feb-06
PMM0204 VISHAY-PMM0204 Datasheet
200Kb / 2P
   Metal Film, Cylindrical Resistors
20-Oct-03
SMM0102 VISHAY-SMM0102 Datasheet
91Kb / 2P
   Metal Film, Cylindrical Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI_08 Datasheet
278Kb / 4P
   Metal Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com