Electronic Components Datasheet Search |
|
BS62LV1603FIP55 Datasheet(PDF) 3 Page - Brilliance Semiconductor |
|
BS62LV1603FIP55 Datasheet(HTML) 3 Page - Brilliance Semiconductor |
3 / 9 page Revision 1.1 Jan. 2004 3 R0201-BS62LV1603 1. Typical characteristics are at TA = 25oC. 2. Fmax = 1/t RC . 3. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included. 4. Icc_Max. is 45mA(@55ns) / 36mA(@70ns) during 0~70oC operation. 5. IccsB1 is 10uA at Vcc=3.0V and TA=70oC. DATA RETENTION CHARACTERISTICS ( TA = -40 to + 85oC ) 1. Vcc = 1.5V, TA = + 25OC 2. t RC = Read Cycle Time 3. IccDR(Max.) is 2.5uA at TA=70OC. DC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC ) BSI LOW VCC DATA RETENTION WAVEFORM (1) ( CE1 Controlled ) CE1 Data Retention Mode Vcc t CDR Vcc t R VIH VIH Vcc VDR 1.5V ≥ CE1 Vcc - 0.2V ≥ BS62LV1603 SYMBOL PARAMETER TEST CONDITIONS MIN. TYP. (1) MAX. UNITS VDR Vcc for Data Retention CE1≧ Vcc - 0.2V or CE2 ≦ 0.2V, VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V 1.5 -- -- V ICCDR (3) Data Retention Current CE1 ≧ Vcc - 0.2V or CE2 ≦ 0.2V, VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V -- 1.5 5 uA tCDR Chip Deselect to Data Retention Time 0 -- -- ns tR Operation Recovery Time See Retention Waveform TRC (2) -- -- ns PARAMETER NAME PARAMETER TEST CONDITIONS MIN. TYP. (1) MAX. UNITS VIL Guaranteed Input Low Voltage (3) Vcc=3V -0.5 -- 0.8 V VIH Guaranteed Input High Voltage (3) Vcc=3V 2.0 -- Vcc+0.3 V IIL Input Leakage Current Vcc = Max, VIN = 0V to Vcc -- -- 1 uA ILO Output Leakage Current Vcc = Max, CE1 = VIH or CE2 = VIL or OE = VIH, VI/O = 0V to Vcc -- -- 1 uA VOL Output Low Voltage Vcc = Max, IOL = 2mA Vcc=3V -- -- 0.4 V VOH Output High Voltage Vcc = Min, IOH = -1mA Vcc=3V 2.4 -- -- V 55ns -- -- 46 ICC (4) Operating Power Supply Current CE1= VIL, CE2= VIH, IDQ = 0mA, F = Fmax (2) 70ns Vcc=3V -- -- 37 mA ICCSB Standby Current-TTL CE1 = VIH or CE2= VIL, IDQ = 0mA Vcc=3V -- -- 1.3 mA ICCSB1 (5) Standby Current-CMOS CE1≧Vcc-0.2V or CE2≦0.2V VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V Vcc=3V -- 3 20 uA LOW VCC DATA RETENTION WAVEFORM (2) ( CE2 Controlled ) CE2 Data Retention Mode Vcc t CDR Vcc t R VIL VIL Vcc VDR ≧ 1.5V CE2 ≦ 0.2V |
Similar Part No. - BS62LV1603FIP55 |
|
Similar Description - BS62LV1603FIP55 |