Electronic Components Datasheet Search |
|
G2SBA80 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
G2SBA80 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 3 page www.vishay.com 2 Document Number 88604 22-Nov-04 G2SBA20, G2SBA60 & G2SBA80 Vishay Semiconductors Electrical Characteristics Ratings at 25 °C ambient temperature unless otherwise specified. Thermal Characteristics Ratings at 25 °C ambient temperature unless otherwise specified. Notes: (1) Unit mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length Ratings and Characteristics Curves (TA = 25 °C unless otherwise noted) Parameter Test condition Symbol G2SBA20 G2SBA60 G2SBA80 Unit Maximum instantaneous forward voltage drop per leg at 0.75 A VF 1.00 V Maximum DC reverse current at rated DC blocking voltage per leg TA = 25 °C TA = 125 °C IR 5.0 300 µA Parameter Symbol G2SBA20 G2SBA60 G2SBA80 Unit Typical thermal resistance per leg RθJA RθJC 40 12 °C/W Figure 1. Derating Curve Output Rectified Current Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Leg 0 0.5 1 1.5 2 0 25 50 75 100 125 150 P.C.B. Mounting, TA Temperature (°C) 0 20 40 60 80 100 1 100 1.0 Cycle Number of Cycles at 60 Hz Figure 3. Typical Forward Characteristics Per Leg Figure 4. Typical Reverse Characteristics Per Leg 0.01 0.1 1 10 100 0.6 1 1.4 1.8 2.2 2.6 3 3.4 Instantaneous Forward Voltage (V) 0.01 0.1 1 10 100 0 20 40 60 80 100 Percent of Rated Peak Reverse Voltage (%) TA = 125 °C TA =25 °C |
Similar Part No. - G2SBA80 |
|
Similar Description - G2SBA80 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |