Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF8509-124S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HF8509-124S
Description  HIGH POWER LATCHING RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HF8509-124S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HF8509-124S Datasheet HTML 1Page - List of Unclassifed Manufacturers HF8509-124S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONTACT: 60A 250VAC
COIL: 12VDCX
HF8509-1
38
2.54
0.8
8
1
2.8
5.08
Ø1.2
19.08
HF8509-2
0.64x0.64
3.5
Ø1.2
19.08
Ø3.5
Mounting Terminal
2.8
2.54
HF8509-1
5.08
2.8
2.54
Ø1.2
HF8509-3
Notes: Welding pictures for HF8509 with
twisting copper wire. Please show welding style
( A to I ) and the length of wires when ordering.
Please mark the length of each wire from left to
right if the length is different.
D
G
H
C
I
E
F
147
HF8509-1: Single Coil
HF8509-2: Single Coil HF8509-3: Double Coil
SET Coil
(the contact close)
RESET
(the contact open)
SET Polarity
RESET
Polarity
HF8509-1
SET Polarity
RESET Polarity
HF8509-2
A
B
HF8509-3
Mounting Terminal
Mounting Terminal
Mounting Terminal
Coil voltage
5, 6, 9, 12, 24, 48VDC
Type
HF8509-1 /
012
S
Structure
Nil: Unsealed
S: Sealed
The solder direction of
twisted copper wire(A to I)
ORDERING INFORMATION
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
Outline Dimensions
PCB layout


Similar Part No. - HF8509-124S

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF8565 HONGFA-HF8565 Datasheet
135Kb / 4P
   MOTOR START POTENTIAL RELAY
HF8565/D2A1 HONGFA-HF8565/D2A1 Datasheet
113Kb / 4P
   MOTOR START POTENTIAL RELAY
HF8565/D2A1XXX HONGFA-HF8565/D2A1XXX Datasheet
135Kb / 4P
   MOTOR START POTENTIAL RELAY
HF8565/D2A2 HONGFA-HF8565/D2A2 Datasheet
113Kb / 4P
   MOTOR START POTENTIAL RELAY
HF8565/D2A2XXX HONGFA-HF8565/D2A2XXX Datasheet
135Kb / 4P
   MOTOR START POTENTIAL RELAY
More results

Similar Description - HF8509-124S

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE9 HONGFA-JE9 Datasheet
132Kb / 5P
   HIGH POWER LATCHING RELAY
JE22 HONGFA-JE22 Datasheet
73Kb / 3P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com