Electronic Components Datasheet Search |
|
HY62UF08401C Datasheet(PDF) 8 Page - Hynix Semiconductor |
|
HY62UF08401C Datasheet(HTML) 8 Page - Hynix Semiconductor |
8 / 10 page HY62UF08401C Series Rev.02 / Jun.01 7 Notes: 1. A write occurs during the overlap of a low /WE and a low /CS. 2. tWR is measured from the earlier of /CS or /WE going high to the end of write cycle. 3. During this period, I/O pins are in the output state so that the input signals of opposite phase to the output must not be applied. 4. If the /CS low transition occurs simultaneously with the /WE low transition or after the /WE transition, outputs remain in a high impedance state. 5. Q(data out) is the same phase with the write data of this write cycle. 6. Q(data out) is the read data of the next address. 7. Transition is measured + 200mV from steady state. This parameter is sampled and not 100% tested. 8. /CS in high for the standby, low for active DATA RETENTION ELECTRIC CHARACTERISTIC TA = -40 °C to 85°C Symbol Parameter Test Condition Min Typ 1. Max Unit VDR Vcc for Data Retention /CS > Vcc - 0.2V, VIN > Vcc - 0.2V or VIN < Vss + 0.2V 1.2 - 3.3 V SL - 0.1 3 uA Iccdr Data Retention Current Vcc=1.5V, /CS > Vcc - 0.2V or VIN > Vcc - 0.2V or VIN < Vss + 0.2V LL - 0.1 10 uA tCDR Chip Deselect to Data Retention Time 0 - - ns tR Operating Recovery Time See Data Retention Timing Diagram tRC - - ns Notes: 1. Typical values are under the condition of TA = 25 °C. 2. Typical value are sampled and not 100% tested DATA RETENTION TIMING DIAGRAM /CS VDR /CS >VCC-0.2V tCDR tR VSS VCC 2.7V VIH DATA RETENTION MODE |
Similar Part No. - HY62UF08401C |
|
Similar Description - HY62UF08401C |