Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41C16105 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IC41C16105
Description  1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IC41C16105 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IC41C16105 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC41C16105 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC41C16105 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC41C16105 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC41C16105 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC41C16105 Datasheet HTML 7Page - List of Unclassifed Manufacturers IC41C16105 Datasheet HTML 8Page - List of Unclassifed Manufacturers IC41C16105 Datasheet HTML 9Page - List of Unclassifed Manufacturers IC41C16105 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IC41C16105
IC41LV16105
S2-6
Integrated Circuit Solution Inc.
DR014-0A 06/07/2001
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V < VIN < Vcc
–5
5
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–5
5
µA
0V < VOUT < Vcc
VOH
Output High Voltage Level
IOH = –5.0 mA (5V)
2.4
—
V
IOH = –2.0 mA (3.3V)
VOL
Output Low Voltage Level
IOL = 4.2 mA (5V)
—
0.4
V
IOL = 2.0 mA (3.3V)
ICC1
Standby Current: TTL
RAS, LCAS, UCAS > VIH Commerical
5V
—
2mA
3.3V
—
1
Extended & Idustrial 5V
—
3
mA
3.3V
—
2
ICC2
Standby Current: CMOS
RAS, LCAS, UCAS > VCC – 0.2V
5V
—
1
mA
3.3V
—
0.5
ICC3
Operating Current:
RAS, LCAS, UCAS,
-50
—
160
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-60
—
145
Average Power Supply Current
ICC4
Operating Current:
RAS = VIL, LCAS, UCAS,
-50
—
90
mA
.ast Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-60
—
80
Average Power Supply Current
ICC5
Refresh Current:
RAS Cycling, LCAS, UCAS > VIH
-50
—
160
mA
RAS-Only(2,3)
tRC = tRC (min.)
-60
—
145
Average Power Supply Current
ICC6
Refresh Current:
RAS, LCAS, UCAS Cycling
-50
—
160
mA
CBR(2,3,5)
tRC = tRC (min.)
-60
—
145
Average Power Supply Current
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight RAS cycles wake-up should be repeated any time the tRE. refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each .ast page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IC41C16105

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16105S ICSI-IC41C16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S-50K ICSI-IC41C16105S-50K Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S-50KI ICSI-IC41C16105S-50KI Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S-50T ICSI-IC41C16105S-50T Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S-50TI ICSI-IC41C16105S-50TI Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IC41C16105

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105B ISSI-IS41LV16105B Datasheet
131Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S ICSI-IC41C16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com