Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952302 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS952302
Description  Frequency Generator for TransmetaTM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952302 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS952302 Datasheet HTML 1Page - Integrated Circuit Systems ICS952302 Datasheet HTML 2Page - Integrated Circuit Systems ICS952302 Datasheet HTML 3Page - Integrated Circuit Systems ICS952302 Datasheet HTML 4Page - Integrated Circuit Systems ICS952302 Datasheet HTML 5Page - Integrated Circuit Systems ICS952302 Datasheet HTML 6Page - Integrated Circuit Systems ICS952302 Datasheet HTML 7Page - Integrated Circuit Systems ICS952302 Datasheet HTML 8Page - Integrated Circuit Systems ICS952302 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated
Circuit
Systems, Inc.
ICS952302
0957B—10/05/04
Frequency Generator for Transmeta
TM EfficeonTM
Pin Configuration
Recommended Application:
Transmeta Efficion, ATi M6
Output Features:
3 - CPUs @ 3.3V including 1 free running
CPUCLK_F
7 - PCI @ 3.3V, including 4 free running PCICLK_F
1 - 27MHz clock @ 3.3V
2 - 48MHz clocks @ 3.3V
2 - REF clocks @3.3V
Key Specifications:
CPU output jitter: < 250ps
PCI output skew: < 250ps
CPUT - PCI output skew: 1-3ns
27MHz Accuracy < 50ppm
48MHz Accuracy < 50ppm
Functionality
Features:
Support I2C Index read/write and block read/write
operations.
Uses external 14.318MHz referience input or XTAL.
Full Load Power consumption reduced >10%
compared to reference device
Power management via SMBus
00
0
+/-0.3
00
1
+/-0.6
01
0
+/-0.25
01
1
+/-0.45
10
0
-0.60%
10
1
-1.20%
11
0
-0.50%
11
1
-0.90%
DOWN
Spread
%
Byte 4b7
Byte 4b6
Byte 4b5
CENTER
VDDREF
148 REF1
REF0
247 VDDCPU
GNDREF
346 N/C
X1
445 CPUCLK0
X2
544 GNDCPU
VDDPCI
643 CPUCLK1
PCICLK_F0
742 CPUCLK_F
PCICLK_F1
841 CPU_STOP#
GNDPCI
940 GND
PCICLK0
10
39 N/C
PCICLK1
11
38 OE*
PCICLK_F2
12
37 N/C
PCICLK_F3
13
36 VDD
VDDPCI
14
35 N/C
PCICLK2
15
34 VDD27
GNDPCI
16
33 GND
N/C
17
32 27MHZ
N/C
18
31 N/C
VDDCOR
19
30 N/C
PCI_STOP#
20
29 N/C
**PD#
21
28 GND48
GND48
22
27 VDD48
SDATA
23
26 48MHZ_1
SCLK
24
25 48MHZ_0
48-TSSOP
* Internal Pull-Up Resistor
**No Diode Clamp to VDD


Similar Part No. - ICS952302

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
   Frequency Timing Generator for Transmeta Systems
ICS952301YG-T ICST-ICS952301YG-T Datasheet
588Kb / 12P
   Frequency Timing Generator for Transmeta Systems
More results

Similar Description - ICS952302

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9148-12 RENESAS-ICS9148-12 Datasheet
696Kb / 19P
   Frequency Timing Generator for Pentium/ProTM or TransmetaTM EfficeonTM
2019
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
   Frequency Timing Generator for Peripherals
logo
Integrated Circuit Syst...
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
   Frequency Generator for Workstation Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
   Frequency Generator for Workstation Systems
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
   Frequency Timing Generator for Peripherals
07/16/14
logo
Integrated Device Techn...
9FGP202A IDT-9FGP202A Datasheet
231Kb / 19P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
logo
Integrated Circuit Syst...
ICS9250-22 ICST-ICS9250-22 Datasheet
106Kb / 11P
   Frequency Generator for P IV?
logo
Renesas Technology Corp
9FGP204 RENESAS-9FGP204 Datasheet
320Kb / 19P
   Frequency Timing Generator for Peripherals
04/23/15
logo
Integrated Circuit Syst...
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
   Frequency Generator for Modem Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com