Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514400DL-60TS-K Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM514400DL-60TS-K
Description  1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514400DL-60TS-K Datasheet(HTML) 5 Page - OKI electronic componets

  MSM514400DL-60TS-K Datasheet HTML 1Page - OKI electronic componets MSM514400DL-60TS-K Datasheet HTML 2Page - OKI electronic componets MSM514400DL-60TS-K Datasheet HTML 3Page - OKI electronic componets MSM514400DL-60TS-K Datasheet HTML 4Page - OKI electronic componets MSM514400DL-60TS-K Datasheet HTML 5Page - OKI electronic componets MSM514400DL-60TS-K Datasheet HTML 6Page - OKI electronic componets MSM514400DL-60TS-K Datasheet HTML 7Page - OKI electronic componets MSM514400DL-60TS-K Datasheet HTML 8Page - OKI electronic componets MSM514400DL-60TS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
¡ Semiconductor
MSM514400D/DL
DC Characteristics
Parameter
Symbol
Condition
MSM514400
D/DL-50
MSM514400
D/DL-60
MSM514400
D/DL-70
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
IOH = –5.0 mA
Output High Voltage
IOL = 4.2 mA
Output Low Voltage
0 V £ VI £ 6.5 V;
All other pins not
Input Leakage Current
under test = 0 V
DQ disable
Output Leakage Current
0 V £ VO £ 5.5 V
RAS, CAS cycling,
Average Power
tRC = Min.
Supply Current
(Operating)
RAS, CAS = VIH
Power Supply
RAS, CAS
Current (Standby)
RAS cycling,
Average Power
CAS = VIH,
Supply Current
tRC = Min.
(
RAS-only Refresh)
RAS = VIH,
Power Supply
CAS = VIL,
Current (Standby)
DQ = enable
Average Power
CAS before RAS
Supply Current
(
CAS before RAS Refresh)
RAS = VIL,
Average Power
CAS cycling,
Supply Current
tPC = Min.
(Fast Page Mode)
tRC = 125 ms,
Average Power
VOH
VOL
ILI
ILO
ICC1
ICC2
ICC3
ICC5
ICC6
ICC7
ICC10 CAS before RAS,
Supply Current
tRAS £ 1 ms
(Battery Backup)
≥ VCC –0.2 V
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
100
2
1
100
5
100
80
300
200
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
90
2
1
90
5
90
70
300
200
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
80
2
1
80
5
80
60
300
200
Unit
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Note
1, 2
1
1, 2
1
1, 2
1, 3
1, 4,
5
1, 5
RAS cycling,
Notes : 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while RAS = VIL.
3. The address can be changed once or less while CAS = VIH.
4. VCC – 0.2 V £ VIH £ 6.5 V, –1.0 V £ VIL £ 0.2 V.
5. L-version.


Similar Part No. - MSM514400DL-60TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514400E OKI-MSM514400E Datasheet
284Kb / 15P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E OKI-MSM514400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E-60SJ OKI-MSM514400E-60SJ Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E-60TS-K OKI-MSM514400E-60TS-K Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E-70SJ OKI-MSM514400E-70SJ Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM514400DL-60TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4400E OKI-MSM51V4400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400EL OKI-MSM514400EL Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E OKI-MSM514400E Datasheet
284Kb / 15P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4400 OKI-MSM51V4400 Datasheet
618Kb / 8P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200 OKI-MSM512200 Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com