Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952302YGLF-T Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS952302YGLF-T
Description  Frequency Generator for TransmetaTM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952302YGLF-T Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS952302YGLF-T Datasheet HTML 3Page - Integrated Circuit Systems ICS952302YGLF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS952302YGLF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS952302YGLF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS952302YGLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS952302YGLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS952302YGLF-T Datasheet HTML 9Page - Integrated Circuit Systems ICS952302YGLF-T Datasheet HTML 10Page - Integrated Circuit Systems ICS952302YGLF-T Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
ICS952302
0957B—10/05/04
Electrical Characteristics - CPU
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH2B
IOH = -20 mA
2.4
2.9
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.25
0.4
V
VOUT = 1 V
-67
-29
VOUT = 3.135V
-23
-8
VOUT = 1.95 V
27
56
VOUT =0.4V
23
30
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.4 V
11.4
2
ns
Fall Time
1
tf2B
VOH = 2.4 V, VOL = 0.4 V
11.4
2
ns
Duty Cycle
1
dt2B
VT = 1.5 V
45
51.5
55
%
Skew
1
tsk2B
VT = 1.5 V
60
175
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = 1.5 V
175
250
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH2B
mA
Output Low Current
IOL2B
mA
Electrical Characteristics - PCICLK, PCICLK_F
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH2B
IOH = -20 mA
2.4
2.9
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.25
0.4
V
VOUT = 1 V
-67
-29
VOUT = 3.135V
-23
-8
VOUT = 1.95 V
27
56
VOUT =0.4V
23
30
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.4 V
11.3
2
ns
Fall Time
1
tf2B
VOH = 2.4 V, VOL = 0.4 V
11.2
2
ns
Duty Cycle
1
dt2B
VT = 1.5 V
45
50.5
55
%
Skew
1
tsk2B
VT = 1.5 V
68
250
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = 1.5 V
100
250
ps
1Guaranteed by design, not 100% tested in production.
Output Low Current
IOL2B
mA
Output High Current
IOH2B
mA


Similar Part No. - ICS952302YGLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
   Frequency Timing Generator for Transmeta Systems
ICS952301YG-T ICST-ICS952301YG-T Datasheet
588Kb / 12P
   Frequency Timing Generator for Transmeta Systems
More results

Similar Description - ICS952302YGLF-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9148-12 RENESAS-ICS9148-12 Datasheet
696Kb / 19P
   Frequency Timing Generator for Pentium/ProTM or TransmetaTM EfficeonTM
2019
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
   Frequency Timing Generator for Peripherals
logo
Integrated Circuit Syst...
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
   Frequency Generator for Workstation Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
   Frequency Generator for Workstation Systems
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
   Frequency Timing Generator for Peripherals
07/16/14
logo
Integrated Device Techn...
9FGP202A IDT-9FGP202A Datasheet
231Kb / 19P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
logo
Integrated Circuit Syst...
ICS9250-22 ICST-ICS9250-22 Datasheet
106Kb / 11P
   Frequency Generator for P IV?
logo
Renesas Technology Corp
9FGP204 RENESAS-9FGP204 Datasheet
320Kb / 19P
   Frequency Timing Generator for Peripherals
04/23/15
logo
Integrated Circuit Syst...
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
   Frequency Generator for Modem Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com