Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V547S85PF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71V547S85PF
Description  128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V547S85PF Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71V547S85PF Datasheet HTML 1Page - Integrated Device Technology IDT71V547S85PF Datasheet HTML 2Page - Integrated Device Technology IDT71V547S85PF Datasheet HTML 3Page - Integrated Device Technology IDT71V547S85PF Datasheet HTML 4Page - Integrated Device Technology IDT71V547S85PF Datasheet HTML 5Page - Integrated Device Technology IDT71V547S85PF Datasheet HTML 6Page - Integrated Device Technology IDT71V547S85PF Datasheet HTML 7Page - Integrated Device Technology IDT71V547S85PF Datasheet HTML 8Page - Integrated Device Technology IDT71V547S85PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
IDT71V547, 128K x 36, 3.3V Synchronous SRAM with
ZBT
™ Feature, Burst Counter and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
Absolute Maximum Ratings(1)
Pin Configuration
Capacitance
(TA = +25°C, f = 1.0MHz, TQFP package)
NOTES:
1. Pin 14 does not have to be connected directly to VSS as long as the input voltage is < VIL.
2. Pins 83 and 84 are reserved for future A17 (8M) and A18 (16M) respectively.
100 99 98 97 96 95 94 93 92 91 90
87 86 85 84 83 82 81
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
VDD
VSS
VSS
VDD
I/O27
I/O26
VSS
VDD
I/O25
I/O24
VDD
VSS
VSS
VDD
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
VDD
VSS
I/O23
I/O22
VSS
VDD
I/O21
I/O20
VSS
VDD
I/O11
I/O10
VDD
VSS
I/O9
I/O8
I/O7
I/O6
VSS
VDD
I/O5
I/O4
PK100-1
3822 drw 02
VSS(1)
VDD
I/O12
I/O28
VSS
VSS
I/OP2
I/O14
I/O15
I/O13
I/O2
I/O3
I/OP1
I/O0
I/O1
I/OP4
I/O30
I/O31
I/O29
I/O19
I/O18
I/OP3
I/O16
I/O17
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. VDD and Input terminals only.
3. I/O terminals.
NOTE:
1. This parameter is guaranteed by device characterization, but not production tested.
Symbol
Rating
Value
Unit
VTERM(2)
Terminal Voltage
with Respect to GND
-0.5 to +4.6
V
VTERM(3)
Terminal Voltage
with Respect to GND
-0.5 to VDD+0.5
V
TA
Operating Temperature
0 to +70
oC
TBIAS
Temperature Under Bias
-55 to +125
oC
TSTG
Storage Temperature
-55 to +125
oC
PT
Power Dissipation
2.0
W
IOUT
DC Output Current
50
mA
3822 tbl 05
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
5
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
3822 tbl 06
Top View
TQFP


Similar Part No. - IDT71V547S85PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
More results

Similar Description - IDT71V547S85PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V547S RENESAS-71V547S Datasheet
297Kb / 21P
   128K X 36, 3.3V Synchronous SRAM with ZBT™ Feature, Burst Counter and Flow-Through Outputs
Apr.24.20
logo
Integrated Device Techn...
71V546S133PFG IDT-71V546S133PFG Datasheet
1,003Kb / 21P
   128K x 36, 3.3V Synchronous SRAM with ZBT??Feature, Burst Counter and Pipelined Outputs
IDT71V546 IDT-IDT71V546 Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
logo
Renesas Technology Corp
IDT71V546S RENESAS-IDT71V546S Datasheet
450Kb / 22P
   128K x 36, 3.3V Synchronous SRAM with ZBT™ Feature Burst Counter and Pipelined Outputs
AUGUST 2017
logo
Integrated Device Techn...
IDT71V3557S IDT-IDT71V3557S Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V546S IDT-IDT71V546S_17 Datasheet
228Kb / 21P
   Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs
logo
Renesas Technology Corp
71V2546S RENESAS-71V2546S Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
logo
Integrated Device Techn...
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Renesas Technology Corp
71V65703 RENESAS-71V65703 Datasheet
311Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
Oct.18.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com