Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF8509-312 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HF8509-312
Description  HIGH POWER LATCHING RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HF8509-312 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HF8509-312 Datasheet HTML 1Page - List of Unclassifed Manufacturers HF8509-312 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
60 A switching capabilities
4KV dielectric coil to contacts
Heavy load up to 15000VA
SPST configurations
Single Coil: 1.0W
Double Coil: 2.0W
File No.:CH0013854-99
ISO9001/QS9000/ISO14000 CERTIFIED
146
Dielectric
Strength
Shock Resistance
HONGFA RELAY
Coil power
HF8509
1A
50m
(at 1A 24VDC)
AgCdO
60A 250VAC 50A 250VAC 40A 250VAC
5000 OPS
10000 OPS 100000 OPS
250VAC
60A
15000VA
1 x 106 OPS
1 x 105 OPS
Contact Arrangement
Initial Contact
Resistance
Contact Material
Contact Rating
(Res. Load)
Max. switching voltage
Max. switching current
Max. switching power
Mechanical life
Electrical life
Initial Insulation Resistance
Between coil and Contacts
Between open contacts
Creepage Distance
Operate time (at nomi. Volt.)
Release time (at nomi. Volt.)
Functional
Destructive
Vibration Resistance
Humidity
Ambient temperature
Termination
Unit weight
Construction
1000M , 500 VDC
4000VAC, 1min.
1500VAC, 1min.
8mm
20ms
20ms
98m/s2
980m/s2
DA:1.5mm, 10 to 55Hz
98%, +40
-40
to +70
PCB & QC
Approx. 33g
Sealed & Dust Cover
Pick-up
Voltage
VDC(max.)
Pulse
Duration
ms (min.)
5
6
9
12
24
48
5
6
9
12
24
48
3.5
4.2
6.3
8.4
16.8
33.6
3.5
4.2
6.3
8.4
16.8
33.6
50
50
50
50
50
50
50
50
50
50
50
50
Single
Coil
24
35
80
145
575
2270
2 x 12
2 x 17.5
2 x 40
2 x 72
2 x 285
2 x 1135
Notes:When requiring other nominal voltage, special order allowed.
HIGH POWER LATCHING RELAY
CONTACT DATA
CHARACTERISTICS
COIL
Coil Resistance
COIL DATA
Nominal
Voltage
VDC
Double
Coil


Similar Part No. - HF8509-312

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF8565 HONGFA-HF8565 Datasheet
135Kb / 4P
   MOTOR START POTENTIAL RELAY
HF8565/D2A1 HONGFA-HF8565/D2A1 Datasheet
113Kb / 4P
   MOTOR START POTENTIAL RELAY
HF8565/D2A1XXX HONGFA-HF8565/D2A1XXX Datasheet
135Kb / 4P
   MOTOR START POTENTIAL RELAY
HF8565/D2A2 HONGFA-HF8565/D2A2 Datasheet
113Kb / 4P
   MOTOR START POTENTIAL RELAY
HF8565/D2A2XXX HONGFA-HF8565/D2A2XXX Datasheet
135Kb / 4P
   MOTOR START POTENTIAL RELAY
More results

Similar Description - HF8509-312

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE9 HONGFA-JE9 Datasheet
132Kb / 5P
   HIGH POWER LATCHING RELAY
JE22 HONGFA-JE22 Datasheet
73Kb / 3P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com