Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4723 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4723
Description  4.5 Dual SPST Analog Switches in UCSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4723 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4723 Datasheet HTML 5Page - Maxim Integrated Products MAX4723 Datasheet HTML 6Page - Maxim Integrated Products MAX4723 Datasheet HTML 7Page - Maxim Integrated Products MAX4723 Datasheet HTML 8Page - Maxim Integrated Products MAX4723 Datasheet HTML 9Page - Maxim Integrated Products MAX4723 Datasheet HTML 10Page - Maxim Integrated Products MAX4723 Datasheet HTML 11Page - Maxim Integrated Products MAX4723 Datasheet HTML 12Page - Maxim Integrated Products MAX4723 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Power-Supply Bypassing
Power-supply bypassing improves noise margin and
prevents switching noise from propagating from the V+
supply to other components. A 0.1µF capacitor connect-
ed from V+ to GND is adequate for most applications.
Power-Supply Sequencing
and Overvoltage Protection
Caution: Do not exceed the absolute maximum rat-
ings because stresses beyond the listed ratings may
cause permanent damage to the device.
UCSP Package Considerations
For general UCSP package information and PC layout
considerations, please refer to the Maxim Application
Note (Wafer-Level Chip-Scale Package).
UCSP Reliability
The chip-scale package (UCSP) represents a unique
packaging form factor that may not perform equally to a
packaged product through traditional mechanical relia-
bility tests. UCSP reliability is integrally linked to the
user’s assembly methods, circuit board material, and
usage environment. The user should closely review
these areas when considering use of a UCSP package.
Performance through Operating Life Test and Moisture
Resistance remains uncompromised as it is primarily
determined by the wafer-fabrication process.
Mechanical stress performance is a greater considera-
tion for a UCSP package. UCSPs are attached through
direct solder contact to the user’s PC board, foregoing
the inherent stress relief of a packaged product lead
frame. Solder joint contact integrity must be consid-
ered. Information on Maxim’s qualification plan, test
data, and recommendations are detailed in the UCSP
application note, which can be found on Maxim’s web-
site at www.maxim-ic.com.
4.5
Dual SPST Analog Switches in UCSP
_______________________________________________________________________________________
9
Test Circuits/Timing Diagrams
50%
VIL
LOGIC
INPUT
RL
COM_
GND
IN_
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM
VN_
VIH
tOFF
0V
NO_
OR NC_
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
CL
V+
VOUT
MAX4721/
MAX4722/
MAX4723
(
RL
RL - RON )
Figure 1. Switching Time
LOGIC
INPUT
RL2
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
NO_
IN_
NC_
VOUT2
V+
V+
CL2
MAX4723
RL1
CL1
VOUT1
VCOM1
VCOM2
50%
0.9 x V0UT1
VIH
VIL
0V
LOGIC
INPUT
SWITCH
OUTPUT 2
(VOUT2)
0V
0.9 x VOUT2
tD
tD
SWITCH
OUTPUT 1
(VOUT1)
COM2
COM1
Figure 2. Break-Before-Make Interval


Similar Part No. - MAX4723

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX472 MAXIM-MAX472 Datasheet
120Kb / 12P
   Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
MAX4729 MAXIM-MAX4729 Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
MAX4729ELT+T MAXIM-MAX4729ELT+T Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4729ELT-T MAXIM-MAX4729ELT-T Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
MAX4729EXT+T MAXIM-MAX4729EXT+T Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
More results

Similar Description - MAX4723

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4731 MAXIM-MAX4731_06 Datasheet
366Kb / 14P
   50廓, Dual SPST Analog Switches in UCSP
Rev 2 12/06
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com