Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB81ES653225-12 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB81ES653225-12
Description  Consumer/Embedded Application Specific Memory for SiP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB81ES653225-12 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB81ES653225-12 Datasheet HTML 2Page - Fujitsu Component Limited. MB81ES653225-12 Datasheet HTML 3Page - Fujitsu Component Limited. MB81ES653225-12 Datasheet HTML 4Page - Fujitsu Component Limited. MB81ES653225-12 Datasheet HTML 5Page - Fujitsu Component Limited. MB81ES653225-12 Datasheet HTML 6Page - Fujitsu Component Limited. MB81ES653225-12 Datasheet HTML 7Page - Fujitsu Component Limited. MB81ES653225-12 Datasheet HTML 8Page - Fujitsu Component Limited. MB81ES653225-12 Datasheet HTML 9Page - Fujitsu Component Limited. MB81ES653225-12 Datasheet HTML 10Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MB81ES653225-12/-12L
6
■ FUNCTIONAL TRUTH TABLE *1
1.
COMMAND TRUTH TABLE *2, *3, *4
*1 : V
= Valid, L = Logic Low, H = Logic High, X = either L or H.
Row Address
128 page length : A12 to A0
64 page length : A13 to A0
32 page length : A14 to A0
Column Address
128 page length : A6 to A0
64 page length : A5 to A0
32 page length : A4 to A0
*2 : All commands assume no CSUS command on previous rising edge of clock.
*3 : All commands are assumed to be valid state transitions.
*4 : All inputs are latched on the rising edge of clock.
*5 : NOP and DESL commands have the same effect. Unless specifically noted, NOP will represent both NOP and
DESL command in later description.
*6 : When the current state is idle and CKE
= L, BST command will represent Deep Power Down command.
Refer to “3. CKE TRUTH TABLE” in section “■FUNCTION TRUTH TABLE”.
*7 : READ, READA, WRIT, WRITA and BST commands should only be issued after the corresponding bank has
been activated (ACTV command) . Refer to “■STATE DIAGRAM”.
*8 : ACTV command should only be issued after corresponding bank has been precharged (PRE or PALL command) .
*9 : Required after power up. Refer to “22. POWER-UP INITIALIZATION” in section “■FUNCTIONAL
DESCRIPTION”.
*10 : MRS command should only be issued after all banks have been precharged (PRE or PALL command) .
Refer to “■STATE DIAGRAM”.
Function
Symbol
CKE
CS
RAS CAS
WE
BA
A10
(AP)
Address
(Except for A10)
n-1
n
Device Deselect *5
DESL
H
X
H
XXXXX
X
No Operation *5
NOP
H
X
L
HHH
X
X
X
Burst Stop *6, *7
BST
H
X
L
H
H
L
X
X
X
Read *7
READ
H
X
L
H
L
H
V
L
Column Address
Read with Auto-precharge *7
READA
H
X
L
H
L
H
V
H
Column Address
Write *7
WRIT
H
X
L
H
L
L
V
L
Column Address
Write with Auto-precharge *7
WRITA
H
X
L
H
L
L
V
H
Column Address
Bank Active *8
ACTV
H
X
L
L
H
H
V
Row Address
Precharge Single Bank
PRE
H
X
L
L
H
L
V
L
X
Precharge All Banks
PALL
H
X
L
L
H
L
X
H
X
Mode Register Set *9, *10
MRS
H
X
L
L
L
L
V
V
V


Similar Part No. - MB81ES653225-12

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB81ES641645A-07 FUJITSU-MB81ES641645A-07 Datasheet
63Kb / 1P
   64 Mbit SDR I/F Consumer FCRAM Consumer Embedded Application Specific Memory
More results

Similar Description - MB81ES653225-12

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB81ES171625 FUJITSU-MB81ES171625 Datasheet
551Kb / 43P
   SINGLE DATA RATE I/F FCRAM Consumer/Embedded Application Specific Memory for SiP
MB81ES641645A-07 FUJITSU-MB81ES641645A-07 Datasheet
63Kb / 1P
   64 Mbit SDR I/F Consumer FCRAM Consumer Embedded Application Specific Memory
MB81EDS256445 FUJITSU-MB81EDS256445 Datasheet
398Kb / 52P
   MEMORY Consumer FCRAM CMOS 256M Bit (4 bank x 1M word x 64 bit) Consumer Applications Specific Memory for SiP
MB81EDS516545 FUJITSU-MB81EDS516545 Datasheet
444Kb / 60P
   MEMORY Consumer FCRAM CMOS 512M Bit (4 bank x 2M word x 64 bit) Consumer Applications Specific Memory for SiP
MB81ES123245-10 FUJITSU-MB81ES123245-10 Datasheet
195Kb / 42P
   128 M-BIT (4-BANK 횞 1 M-WORD 횞 32-BIT) SINGLE DATA RATE I/F FCRAM Consumer/Embedded Application Specific Memory for SiP
MB81EDS516445 FUJITSU-MB81EDS516445 Datasheet
403Kb / 52P
   512M Bit (4 bank x 2M word x 64 bit) Consumer Applications Specific Memory for SiP
MB81EDS516545 FUJITSU-MB81EDS516545_10 Datasheet
431Kb / 60P
   512M Bit (4 bank x 2M word x 64 bit) Consumer Applications Specific Memory for SiP
MB82DS01181E FUJITSU-MB82DS01181E Datasheet
129Kb / 19P
   Mobile Phone Application Specific Memory
logo
Samsung semiconductor
K4S640832N SAMSUNG-K4S640832N Datasheet
542Kb / 15P
   Consumer Memory
logo
Murata Manufacturing Co...
1303353 MURATA-1303353 Datasheet
1Mb / 30P
   Application Specific Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com