Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8521EBX Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8521EBX
Description  Smallest TEC Power Drivers for Optical Modules
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521EBX Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8521EBX Datasheet HTML 1Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 2Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 3Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 4Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 5Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 6Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 7Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 8Page - Maxim Integrated Products MAX8521EBX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX8520/MAX8521 are designed to drive thermo-
electric coolers (TECs) in space-constrained optical
modules. Both devices deliver ±1.5A output current
and control the TEC current to eliminate harmful current
surges. On-chip FETs minimize external components and
high switching frequency reduces the size of external
components.
The MAX8520 and MAX8521 operate from a single supply
and bias the TEC between the outputs of two synchro-
nous buck regulators. This operation allows for temper-
ature control without “dead zones” or other nonlinearities
at low current. This arrangement ensures that the control
system does not hunt when the set point is very close to
the natural operating point, requiring a small amount of
heating or cooling. An analog control signal precisely
sets the TEC current.
Both devices feature accurate, individually adjustable
heating current limit and cooling current limit, along
with maximum TEC voltage limit to improve the reliability
of optical modules. An analog output signal monitors
the TEC current. A unique ripple cancellation scheme
helps reduce noise.
The MAX8520 is available in a 5mm x 5mm thin QFN
package and its switching frequency is adjustable up to
1MHz through an external resistor. The MAX8521 is also
available in a 5mm x 5mm thin QFN, as well as a space-
saving 3mm x 3mm UCSP™, with a pin-selectable
switching frequency of 500kHz or 1MHz.
Applications
SFF/SFP Modules
Fiber-Optic Laser Modules
Fiber-Optic Network Equipment
ATE
Biotech Lab Equipment
Features
o Circuit Footprint of 0.31in2
o Low-Profile Design
o On-Chip Power MOSFETs
o High-Efficiency Switch-Mode Design
o Ripple Cancellation for Low Noise
o Direct Current Control Prevents TEC Current
Surges
o 5% Accurate Adjustable Heating/Cooling Current
Limits
o 2% Accurate TEC Voltage Limit
o No Dead Zone or Hunting at Low Output Current
o ITEC Monitors TEC Current
o 1% Accurate Voltage Reference
o Switching Frequency Up to 1MHz
o Synchronization (MAX8521)
Smallest TEC Power Drivers for
Optical Modules
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2586; Rev 0; 10/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX8520ETP
-40
°C to +85°C
20 Thin QFN 5mm x 5mm
MAX8521EBX
-40
°C to +85°C
36 UCSP 3mm x 3mm
MAX8521ETP
-40
°C to +85°C
20 Thin QFN 5mm x 5mm
UCSP is a trademark of Maxim Integrated Products, Inc.
INPUT
3V TO 5.5V
VDD
PVDD
COMP
GND
SHDN
ITEC
ON
OFF
TEC CURRENT
MONITOR
CTLI
LX1
PGND1
CS
OS1
OS2
LX2
PGND2
TEC
ITEC =
± 1.5A
REF
CURRENT-
CONTROL
SIGNAL
FREQ
ANALOG /DIGITAL
TEMPERATURE CONTROL
OUTPUT
MAX8521
Typical Operating Circuit
Pin Configurations appear at end of data sheet.
3mm x 3mm
CSP
5mm x 5mm
QFN


Similar Part No. - MAX8521EBX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8521EBX MAXIM-MAX8521EBX Datasheet
337Kb / 18P
   Smallest TEC Power Drivers for Optical Modules
Rev 1; 12/08
MAX8521EBX MAXIM-MAX8521EBX Datasheet
342Kb / 18P
   Smallest TEC Power Drivers for Optical Modules Low Profile Design
Rev 2; 2/11
More results

Similar Description - MAX8521EBX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8520 MAXIM-MAX8520_08 Datasheet
337Kb / 18P
   Smallest TEC Power Drivers for Optical Modules
Rev 1; 12/08
MAX8520 MAXIM-MAX8520_11 Datasheet
342Kb / 18P
   Smallest TEC Power Drivers for Optical Modules Low Profile Design
Rev 2; 2/11
MAX1968 MAXIM-MAX1968_07 Datasheet
455Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 2; 2/07
MAX1968 MAXIM-MAX1968_15 Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
MAX1968 MAXIM-MAX1968 Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
logo
Tyco Electronics
1EGG1-1 MACOM-1EGG1-1 Datasheet
85Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
TT Electronics.
MFP TTELEC-MFP Datasheet
331Kb / 2P
   Smallest size for power rating
MFR4P TTELEC-MFR4P Datasheet
343Kb / 2P
   smallest size for power rating
logo
List of Unclassifed Man...
80C01 ETC-80C01 Datasheet
182Kb / 12P
   OPTICAL SAMPLING MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com