Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6980 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6980
Description  16-Port, 36V Constant-Current LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6980 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6980 Datasheet HTML 3Page - Maxim Integrated Products MAX6980 Datasheet HTML 4Page - Maxim Integrated Products MAX6980 Datasheet HTML 5Page - Maxim Integrated Products MAX6980 Datasheet HTML 6Page - Maxim Integrated Products MAX6980 Datasheet HTML 7Page - Maxim Integrated Products MAX6980 Datasheet HTML 8Page - Maxim Integrated Products MAX6980 Datasheet HTML 9Page - Maxim Integrated Products MAX6980 Datasheet HTML 10Page - Maxim Integrated Products MAX6980 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Detailed Description
The MAX6971 LED driver comprises a 4-wire serial
interface driving 16 constant-current-sinking, open-
drain output ports. The outputs drive LEDs in either
static or multiplex applications (Figure 1). The constant-
current outputs are guaranteed for current accuracy
not only with chip-supply voltage variations (5V ±10%
and 3V to 5.5V), but also over a realistic range of driver
output voltage drop (0.8V to 2.5V). The drivers use cur-
rent-sensing feedback circuitry (not simple current mir-
rors) to ensure very small current variations over the full
allowed range of output voltage (see the Typical
Operating Characteristics).
The 4-wire serial interface comprises a 16-bit shift reg-
ister and a 16-bit transparent latch. The shift register is
written through a clock input, CLK, and a data input,
DIN, and the data propagates to a data output, DOUT.
The data output allows multiple drivers to be cascaded
and operated together. The contents of the 16-bit shift
register are loaded into the transparent latch through a
latch-enable input, LE. The latch is transparent to the
shift register outputs when high, and latches the current
state on the falling edge of LE.
Each driver output is an open-drain, constant-current
sink that should be connected to the cathode of either
a single LED or a series string of multiple LEDs. The
LED anode can be connected to a supply voltage of up
to 36V, independent of the MAX6971 supply, V+. The
constant-current capability is up to 55mA per output,
set for all eight outputs by an external resistor, RSET.
4-Wire Serial Interface
The serial interface on the MAX6971 is a 4-wire serial
interface using four inputs (DIN, CLK, LE, OE) and a
data output (DOUT). This interface is used to write dis-
play data to the MAX6971. The serial-interface data
word length is 16 bits, D0–D15. See Figure 2.
The functions of the five interface pins are as follows.
DIN is the serial-data input, and must be stable when it
is sampled on the rising edge of CLK. Data is shifted in,
MSB first. This means that data bit D15 is clocked in
first, followed by 15 more data bits finishing with the
LSB, D0.
16-Port, 36V Constant-Current LED Driver
_______________________________________________________________________________________
7
.
D15
D14
tDS
tDH
tCL
tCP
tDO
tOEW
tOEL
tf
tr
tOEH
tLS
tLW
tCH
D1
D0
D7
LE
CLK
DIN
DOUT
OE
OUT_
80%
20%
tLF
Figure 2. 4-Wire Serial-Interface Timing Diagram


Similar Part No. - MAX6980

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX698 MAXIM-MAX698 Datasheet
117Kb / 4P
   Low Cost Power-On Reset and Watchdog Controllers
1996
MAX698-MAX699 MAXIM-MAX698-MAX699 Datasheet
117Kb / 4P
   Low Cost Power-On Reset and Watchdog Controllers
1996
MAX698CPA MAXIM-MAX698CPA Datasheet
117Kb / 4P
   Low Cost Power-On Reset and Watchdog Controllers
1996
MAX698CPA MAXIM-MAX698CPA Datasheet
538Kb / 4P
   Low-Cost, Power-On Reset and Watchdog Controllers
19-2349; Rev 3; 12/05
MAX698CWE MAXIM-MAX698CWE Datasheet
117Kb / 4P
   Low Cost Power-On Reset and Watchdog Controllers
1996
More results

Similar Description - MAX6980

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6971 MAXIM-MAX6971_07 Datasheet
251Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6969 MAXIM-MAX6969_V01 Datasheet
204Kb / 12P
   16-Port, 5.5V Constant-Current LED Driver
2010
MAX6969 MAXIM-MAX6969_07 Datasheet
235Kb / 13P
   16-Port, 5.5V Constant-Current LED Driver
Rev 2; 9/07
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
XLSEMI
XL3005 XLSEMI-XL3005 Datasheet
391Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3003 ETC2-XL3003 Datasheet
444Kb / 14P
   4A 220KHz 36V Buck LED Constant Current Driver
XL3005 ETC2-XL3005 Datasheet
362Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com