Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2049-45SI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK2049-45SI
Description  3.3V Communications Clock PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-45SI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK2049-45SI Datasheet HTML 1Page - Integrated Circuit Systems MK2049-45SI Datasheet HTML 2Page - Integrated Circuit Systems MK2049-45SI Datasheet HTML 3Page - Integrated Circuit Systems MK2049-45SI Datasheet HTML 4Page - Integrated Circuit Systems MK2049-45SI Datasheet HTML 5Page - Integrated Circuit Systems MK2049-45SI Datasheet HTML 6Page - Integrated Circuit Systems MK2049-45SI Datasheet HTML 7Page - Integrated Circuit Systems MK2049-45SI Datasheet HTML 8Page - Integrated Circuit Systems MK2049-45SI Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MK2049-45
MDS 2049-45 G
1
Revision 101904
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
3.3V Communications Clock PLL
Description
The MK2049-45 is a dual Phase-Locked Loop (PLL)
device which can provide frequency synthesis and jitter
attenuation. The first PLL is VCXO based and uses a
pullable crystal to track signal wander and attenuate
input jitter. The second PLL is a translator for frequency
multiplication. Basic configuration is determined by a
Mode/Frequency Selection Table. Loop bandwidth and
damping factor are programmable via external loop
filter component selection.
Buffer Mode accepts a 10 to 50MHz input and will
provide a jitter attenuated output at 0.5 x ICLK, 1 x
ICLK or 2 x ICLK. In this mode the MK2049-45 is ideal
for filtering jitter from high frequency clocks.
In External Mode, ICLK accepts an 8 kHz clock and will
produce output frequencies from a table of common
communciations clock rates, CLK and CLK/2. This
allows for the generation of clocks frequency-locked to
an 8 kHz backplane clock, simplifying clock
synchronization in communications systems.
The MK2049-45 can be dynamically switched between
T1, E1, T3, E3 outputs with the same 24.576 MHz
crystal.
ICS can customize these devices for many other
different frequencies. Contact your ICS representative
for more details.
Features
Packaged in 20 pin SOIC
3.3 V + 5% operation
Meets the TR62411, ETS300 011, and GR-1244
specification for MTIE, Pull-in/Hold-in Range, Phase
Transients, and Jitter Generation for Stratum 3, 4,
and 4E
Accepts multiple inputs: 8 kHz backplane clock, or 10
to 50 MHz
Locks to 8 kHz + 100 ppm (External mode)
Buffer Mode allows jitter attenuation of 10 - 50 MHz
input and x1 / x0.5 or x1 / x2 outputs
Exact internal ratios enable zero ppm error
Output rates include T1, E1, T3, E3, and OC3
submultiples
Available in Pb (lead) free package
See also the MK2049-34 and MK2049-36
Block Diagram
Charge
Pump
VCXO
X2
X1
ISET
CAP2
Feedback
Divider (N)
Reference
Divider
(used in buffer
mode only)
ICLK
Reference
Divider
Phase
Detector
VCXO
PLL
Feedback
Divider
VCO
Translator
PLL
CLK
CAP1
Output
Divider
Divide
by 2
CLK/2
8k
R
S
R
SET
C
P
C
S
Optional Crystal Load Caps
Divider Value
Look-up Table
FS3:0
4
C
L
C
L
External Pullable Crystal


Similar Part No. - MK2049-45SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2049-45SI RENESAS-MK2049-45SI Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45SILF RENESAS-MK2049-45SILF Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45SILFTR RENESAS-MK2049-45SILFTR Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45SITR RENESAS-MK2049-45SITR Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
More results

Similar Description - MK2049-45SI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
logo
Renesas Technology Corp
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
logo
Integrated Circuit Syst...
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
logo
Integrated Circuit Syst...
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
   3.3 V Communications Clock PLL
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com