Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6979 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6979
Description  16-Port, 36V Constant-Current LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6979 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6979 Datasheet HTML 1Page - Maxim Integrated Products MAX6979 Datasheet HTML 2Page - Maxim Integrated Products MAX6979 Datasheet HTML 3Page - Maxim Integrated Products MAX6979 Datasheet HTML 4Page - Maxim Integrated Products MAX6979 Datasheet HTML 5Page - Maxim Integrated Products MAX6979 Datasheet HTML 6Page - Maxim Integrated Products MAX6979 Datasheet HTML 7Page - Maxim Integrated Products MAX6979 Datasheet HTML 8Page - Maxim Integrated Products MAX6979 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX6971 serial-interfaced LED driver provides 16
open-drain, constant-current-sinking LED driver outputs
rated at 36V. The MAX6971 operates from a 3V to 5.5V
supply. The MAX6971 supply and the LEDs’ supply or
supplies can power up in any order. The constant-cur-
rent outputs are programmed together to up to 55mA
using a single external resistor. The MAX6971 operates
with a 25Mb, industry-standard, 4-wire serial interface.
The MAX6971 uses the industry-standard, shift-register-
plus-latch-type serial interface. The driver accepts data
shifted into a 16-bit shift register using data input DIN
and clock input CLK. Input data appears at the DOUT
output 16 clock cycles later to allow cascading of multi-
ple MAX6971s. The latch-enable input, LE, loads the 16
bits of shift register data into a 16-bit output latch to set
which LEDs are on and which are off. The output-
enable, OE, gates all 16 outputs on and off, and is fast
enough to be used as a PWM input for LED intensity
control.
For applications requiring LED fault detection, refer to
the MAX6983*, which automatically detects open-circuit
LEDs.
For safety-related applications requiring a watchdog
timer, refer to the MAX6983, which includes a fail-safe
feature that blanks the display if the serial interface
becomes inactive for more than 1s.
The MAX6971 is one of a family of 12 shift-register-plus-
latch-type LED drivers. The family includes 8-port and
16-port types, with 5.5V- or 36V-rated LED outputs, with
and without open-circuit LED detection and watchdog.
All versions operate from a 3V to 5.5V supply, and are
specified over the -40°C to +125°C temperature range.
Features
♦ 25Mb, Industry-Standard, 4-Wire Serial Interface
♦ 3V to 5.5V Logic Supply
♦ 16 Constant-Current LED Outputs Rated at 36V
♦ Up to 55mA Continuous Current per Output
♦ Output Current Programmed by Single Resistor
♦ 3% Current Matching Between Outputs
♦ 6% Current Matching Between ICs
♦ High-Dissipation, 24-Pin Packages
♦ -40°C to +125°C Temperature Range
16-Port, 36V Constant-Current LED Driver
________________________________________________________________ Maxim Integrated Products
1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
V+
SET
DOUT
OE
LE
CLK
DIN
GND
TOP VIEW
OUT15
OUT14
OUT13
OUT12
OUT3
OUT2
OUT1
OUT0
16
15
14
13
9
10
11
12
OUT11
OUT10
OUT9
OUT8
OUT7
OUT6
OUT5
OUT4
TSSOP/PDIP
MAX6971AUG
MAX6971ANG
Pin Configuration
Ordering Information
19-3808; Rev 0; 7/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Typical Application Circuit and Selector Guide appear at
end of data sheet.
Applications
Variable Message Signs
Marquee Displays
Point-of-Order Signs
Traffic Signs
Gaming Features
Architectural Lighting
PART
TEMP RANGE
PIN-PACKAGE
MAX6971AUG
-40°C to +125°C
24 TSSOP
MAX6971ANG
-40°C to +125°C
24 Narrow PDIP
*Future product—contact factory for availability.


Similar Part No. - MAX6979

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX697 MAXIM-MAX697 Datasheet
481Kb / 12P
   Microprocessor Supervisory Circuits
1989
MAX6971 MAXIM-MAX6971 Datasheet
251Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6971ANG MAXIM-MAX6971ANG Datasheet
251Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6971AUG MAXIM-MAX6971AUG Datasheet
251Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6971 MAXIM-MAX6971_07 Datasheet
251Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
More results

Similar Description - MAX6979

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6971 MAXIM-MAX6971_07 Datasheet
251Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6969 MAXIM-MAX6969_V01 Datasheet
204Kb / 12P
   16-Port, 5.5V Constant-Current LED Driver
2010
MAX6969 MAXIM-MAX6969_07 Datasheet
235Kb / 13P
   16-Port, 5.5V Constant-Current LED Driver
Rev 2; 9/07
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
XLSEMI
XL3005 XLSEMI-XL3005 Datasheet
391Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3003 ETC2-XL3003 Datasheet
444Kb / 14P
   4A 220KHz 36V Buck LED Constant Current Driver
XL3005 ETC2-XL3005 Datasheet
362Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com