Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2049-45SILF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK2049-45SILF
Description  3.3V Communications Clock PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-45SILF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK2049-45SILF Datasheet HTML 1Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 2Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 3Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 4Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 5Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 6Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 7Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 8Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3.3V Communications Clock PLL
MDS 2049-45 G
2
Revision 101904
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
MK2049-45
Pin Assignment
Pin Descriptions
16
1
15
2
14
FS1
FS0
3
13
X2
4
12
X1
RES
5
11
VDD
6
CAP2
7
FCAP
8
VDD
GND
CAP1
VDD
GND
GND
CLK
ICLK
9
10
CLK/2
FS3
8k
FS2
20
19
18
17
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
FS1
Input
Frequency select 1. Determines CLK input/outputs per table on page 2.
Internal pull-up resistor.
2
X2
Input
Crystal connection. Connect to a MHz crystal as shown in table on page 2.
3
X1
Input
Crystal connection. Connect to a MHz crystal as shown in table on page 2.
4
VDD
Power
Power supply. Connect to +3.3V.
5
FCAP
-
Filter capacitor. Connect a 1000 pF ceramic capacitor to ground.
6
VDD
Power
Power supply. Connect to +3.3V.
7
GND
Power
Connect to ground
8
CLK
Output
Clock output determined by status of FS3:0 per tables on page 2.
9
CLK/2
Output
Clock output determined by status of FS3:0 per tables page 2. Always 1/2 of
CLK.
10
8k
Output
Recovered 8 kHz clock output.
11
FS2
Input
Frequency select 2. Determines CLK input/outputs per table on page 2.
Internal pull-up resistor.
12
FS3
Input
Frequency select 3. Determines CLK input/outputs per table on page 2.
Internal pull-up resistor.
13
ICLK
Input
Input clock connection. Connect to 8 kHz backplane or MHz clock.
14
GND
Power
Connect to ground.
15
VDD
Power
Power Supply. Connect to +3.3V.
16
CAP1
Loop
Filter
Connect the loop filter capacitors and resistor between this pin and CAP2.
17
GND
Power
Connect to ground.


Similar Part No. - MK2049-45SILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2049-45SILF RENESAS-MK2049-45SILF Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45SILFTR RENESAS-MK2049-45SILFTR Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
More results

Similar Description - MK2049-45SILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
logo
Renesas Technology Corp
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
logo
Integrated Circuit Syst...
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
logo
Integrated Circuit Syst...
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
   3.3 V Communications Clock PLL
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com