Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2049-45SILF Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # MK2049-45SILF
Description  3.3V Communications Clock PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-45SILF Datasheet(HTML) 9 Page - Integrated Circuit Systems

  MK2049-45SILF Datasheet HTML 1Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 2Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 3Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 4Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 5Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 6Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 7Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 8Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
3.3V Communications Clock PLL
MDS 2049-45 G
9
Revision 101904
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
MK2049-45
Package Outline and Package Dimensions (20 pin SOIC, 300 Mil. Wide Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
“LF” denotes Pb (lead) free package.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
MK2049-45SI
MK2049-45SI
Tubes
20-pin SOIC
-40 to +85
° C
MK2049-45SITR
MK2049-45SI
Tape and Reel
20-pin SOIC
-40 to +85
° C
MK2049-45SILF
MK2049-45SILF
Tubes
20-pin SOIC
-40 to +85
° C
MK2049-45SILFTR
MK2049-45SILF
Tape and Reel
20-pin SOIC
-40 to +85
° C
D
E
H
B
e
A1
Inde x
Are a
12
A
C
L
h x 45 o
A2
Millimeters
Inches
Symbol
Min
Max
Min
Max
A--
2.65
--
0.104
A1
1.10
--
0.0040
--
A2
2.05
2.55
0.081
0.100
B
0.33
0.51
0.013
0.020
C
0.18
0.32
0.007
0.013
D
12.60
13.00
0.496
0.512
E
7.40
7.60
0.291
0.299
e
1.27 Basic
0.050 Basic
H
10.00
10.65
0.394
0.419
h
0.25
0.75
0.010
0.029
L
0.40
1.27
0.016
0.050
α
0
°
8
°
0
°
8
°


Similar Part No. - MK2049-45SILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2049-45SILF RENESAS-MK2049-45SILF Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45SILFTR RENESAS-MK2049-45SILFTR Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
More results

Similar Description - MK2049-45SILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
logo
Renesas Technology Corp
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
logo
Integrated Circuit Syst...
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
logo
Integrated Circuit Syst...
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
   3.3 V Communications Clock PLL
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com