Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX26C512AMC-10 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MX26C512AMC-10
Description  512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX26C512AMC-10 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MX26C512AMC-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers MX26C512AMC-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers MX26C512AMC-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX26C512AMC-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX26C512AMC-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX26C512AMC-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MX26C512AMC-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MX26C512AMC-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MX26C512AMC-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
REV.1.8, JUL. 13 , 1998
P/N: PM0455
Patent#: US#5,523,307
MX26C512A
other address lines must be held at VIL during auto identify
mode.
Byte 0 ( A0 = VIL) represents the manufacturer code,
and byte 1 (A0 = VIH), the device identifier code. For
the MX26C512A, these two identifier bytes are given in
the Mode Select Table. All identifiers for the manufacturer
and device codes will possess odd parity, with the MSB
(DQ7) defined as the parity bit.
READ MODE
The MX26C512A has two control functions, both of
which must be logically satisfied in order to obtain data
at the outputs. Chip Enable (CE) is the power control
and should be used for device selection. Output Enable
(OE) is the output control and should be used to gate
data to the output pins, independent of device selection.
Assuming that addresses are stable, address access
time (tACC) is equal to the delay from CE to output (tCE).
Data is available at the outputs tOE after the falling edge
of OE, assuming that CE has been LOW and addresses
have been stable for at least tACC - tOE.
STANDBY MODE
The MX26C512A has a CMOS standby mode which
reduces the maximum VCC current to 100 uA. It is placed
in CMOS standby when CE is at VCC ± 0.3 V. The
MX26C512A also has a TTL-standby mode which
reduces the maximum VCC current to 1.5 mA. It is placed
in TTL-standby when CE is at VIH. When in standby
mode, the outputs are in a high-impedance state,
independent of the OE input.
TWO-LINE OUTPUT CONTROL FUNCTION
To accommodate multiple memory connections, a two-
line control function is provided to allow for:
1. Low memory power dissipation,
2. Assurance that output bus contention will not occur.
It is recommended that CE be decoded and used as the
primary device-selecting function, while OE be made a
common connection to all devices in the array and
connected to the READ line from the system control bus.
This assures that all deselected memory devices are in
their low-power standby mode and that the output pins
are only active when data is desired from a particular
memory device.
SYSTEM CONSIDERATIONS
During the switch between active and standby conditions,
transient current peaks are produced on the rising and
falling edges of Chip Enable. The magnitude of these
transient current peaks is dependent on the output
capacitance loading of the device. At a minimum, a 0.1
uF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
VCC and GND to minimize transient effects. In addition,
to overcome the voltage drop caused by the inductive
effects of the printed circuit board traces on EPROM
arrays, a 4.7 uF bulk electrolytic capacitor should be used
between VCC and GND for each of the eight devices.
The location of the capacitor should be close to where
the power supply is connected to the array.
INDEX


Similar Part No. - MX26C512AMC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000AMC-10 MCNIX-MX26C1000AMC-10 Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000AMC-12 MCNIX-MX26C1000AMC-12 Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000AMC-70 MCNIX-MX26C1000AMC-70 Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000AMC-90 MCNIX-MX26C1000AMC-90 Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
More results

Similar Description - MX26C512AMC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
Macronix International
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
Macronix International
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com