Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTV05010W Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PTV05010W
Description  8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV05010W Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTV05010W Datasheet HTML 4Page - Texas Instruments PTV05010W Datasheet HTML 5Page - Texas Instruments PTV05010W Datasheet HTML 6Page - Texas Instruments PTV05010W Datasheet HTML 7Page - Texas Instruments PTV05010W Datasheet HTML 8Page - Texas Instruments PTV05010W Datasheet HTML 9Page - Texas Instruments PTV05010W Datasheet HTML 10Page - Texas Instruments PTV05010W Datasheet HTML 11Page - Texas Instruments PTV05010W Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
Adjusting the Output Voltage
R
= 10 k
x
SET
W
0.8 V
V
- 0.8 V
O
= 2.49 kW
(1)
PTV05010W
SLTS242 – FEBRUARY 2005
APPLICATION INFORMATION (continued)
Table 1. Input/Output Capacitors (continued)
Capacitor Characteristics
Quantity
Max ESR
Max Ripple
Capacitor Vendor,
Vendor
Working
Optional
Value
at 100
Current at
Physical Size
Input
Type/Series (Style)
Part Number
Voltage
Output
(µF)
kHz
85
°C (Irms)
(mm)
Bus
(V)
Bus
(
Ω)
(mA)
Murata, Ceramic X5R
6.3
100
0.002
3225
≥1(2)
≤ 3
GRM32ER60J107M
(SMD)
6.3
47
≥1(2)
≤ 5
GRM32ER60J476M
16
22
≥1 (2)
≤ 5
GRM32ER61C226K
16
10
≥1 (2)
≤ 5
GRM32DR61C106K
TDK, Ceramic X5R
6.3
100
0.002
3225
≥1(2)
≤ 3
C3225X5R0J107MT
(SMD)
6.3
47
≥1 (2)
≤ 5
C3225X5R0J476MT
16
22
≥1 (2)
≤ 5
C3225X5R1C226MT
16
10
≥1 (2)
≤ 5
C3225X5R1C106MT
The VO Adjust control (pin 4) sets the output voltage of the PTV05010W product to a value over the range, 0.8 V
to 3.6 V. The adjustment method requires the addition of a single external resistor, RSET, that must be connected
directly between the VO Adjust and the regulator's output GND (pin 1 is recommended). Without an adjust
resistor, the output voltage is set to its lowest value. Table 2 gives the preferred value of the external resistor for
a number of standard voltages, along with the actual output voltage that this resistance value provides. Figure 6
shows the placement of the required resistor.
Table 2. Nearest Standard Values of RSET for Common Output Voltages
VO
RSET
VO
(Required)
(Standard Value)
(Actual)
3.3 V
698
3.309 V
2.5 V
2.21 k
2.502 V
2 V
4.12 k
2.010 V
1.8 V
5.49 k
1.803 V
1.5 V
8.87 k
1.504 V
1.2 V
17.4 k
1.202 V
1 V
36.5 k
1.005 V
0.8 V
Open
0.800 V
For other output voltages, the value of the required resistor can either be calculated or simply selected from the
range of values given in Table 3. Equation 1 may be used for calculating the adjust resistor value.
8


Similar Part No. - PTV05010W

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTV05010WAD EMERSON-NETWORKPOWER-PTV05010WAD Datasheet
224Kb / 4P
   DC-DC CONVERTERS
PTV05010WAH EMERSON-NETWORKPOWER-PTV05010WAH Datasheet
224Kb / 4P
   DC-DC CONVERTERS
More results

Similar Description - PTV05010W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV05020W TI-PTV05020W Datasheet
812Kb / 17P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010W TI-PTV12010W_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12020W TI-PTV12020W Datasheet
439Kb / 22P
[Old version datasheet]   16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com