Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX26C512AQC-15 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MX26C512AQC-15
Description  512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX26C512AQC-15 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MX26C512AQC-15 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX26C512AQC-15 Datasheet HTML 6Page - List of Unclassifed Manufacturers MX26C512AQC-15 Datasheet HTML 7Page - List of Unclassifed Manufacturers MX26C512AQC-15 Datasheet HTML 8Page - List of Unclassifed Manufacturers MX26C512AQC-15 Datasheet HTML 9Page - List of Unclassifed Manufacturers MX26C512AQC-15 Datasheet HTML 10Page - List of Unclassifed Manufacturers MX26C512AQC-15 Datasheet HTML 11Page - List of Unclassifed Manufacturers MX26C512AQC-15 Datasheet HTML 12Page - List of Unclassifed Manufacturers MX26C512AQC-15 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
REV.1.8, JUL. 13 , 1998
P/N: PM0455
Patent#: US#5,523,307
MX26C512A
26C512A
26C512A
-70
-90
SYMBOL
PARAMETER
MIN.
MAX.
MIN.
MAX.
UNIT
CONDITIONS
tACC
Address to Output Delay
70
90
ns
CE = OE = VIL
tCE
Chip Enable to Output Delay
70
90
ns
OE = VIL
tOE
Output Enable to Output Delay
35
40
ns
CE = VIL
tDF
OE High to Output Float,
0
20
0
25
ns
or CE High to Output Float
tOH
Output Hold from Address,
0
0
ns
CE or OE which ever occurred firs
26C512A
26C512A
26C512A
-10
-12
-15
SYMBOL
PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT
CONDITIONS
tACC
Address to Output Delay
100
120
150
ns
CE = OE = VIL
tCE
Chip Enable to Output Delay
100
120
150
ns
OE = VIL
tOE
Output Enable to Output Delay
45
50
65
ns
CE = VIL
tDF
OE High to Output Float,
0
30
0
35
0
50
ns
or CE High to Output Float
tOH
Output Hold from Address,
0
0
0
ns
CE or OE which ever occurred first
AC CHARACTERISTICS TA = 0oC to 70oC, VCC = 5V± 10%
DC PROGRAMMING CHARACTERISTICS TA = 25oC ± 5oC
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
2.4
V
IOH = -0.40mA
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.3
0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 5.5V
VH
A9 Auto Select Voltage
11.5
12.5
V
ICC3
VCC Supply Current (Program/Erase & Verify)
50
mA
IPP2
VPP Supply Current(Program)/Erase
50
mA
CE = PGM = VIL,
OE = VIH
VCC2
Programming & Erase Supply Voltage
4.5
6.5
V
VPP2
Programming & Erase Voltage
12.5
13.0
V
IPP A9
A9 Auto Select Current /Erase
1
mA
CE = PGM = VIL,
OE = VIH
INDEX


Similar Part No. - MX26C512AQC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000AMC-10 MCNIX-MX26C1000AMC-10 Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000AMC-12 MCNIX-MX26C1000AMC-12 Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000AMC-70 MCNIX-MX26C1000AMC-70 Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000AMC-90 MCNIX-MX26C1000AMC-90 Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
More results

Similar Description - MX26C512AQC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
   4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
Macronix International
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
Macronix International
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com