Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


SSR21NHS-M08475 Datasheet(PDF) 1 Page - Kemet Corporation

Part No. SSR21NHS-M08475
Description  KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.0475 H
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

   
 1 page
background image
KEMET Part Number: SSR21NHS-M08475
KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.0475 H
Dimensions
L
23mm MAX
T
23mm MAX
H
14.5mm MAX
LL
3.5mm +/-0.5mm
S
18.5mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 420
Weight: 14.5 g
General Information
Series: SSR21NVS-M/NHS-M
Style: Through-Hole
Features: High Performance, High
Impedance, Strong Inductance
RoHS: Yes
Miscellaneous: 60 (K) Temperature Rise Max.
Specifications
Voltage AC: 250 VAC
Inductance: 47.5 mH (10 kHz)
Temperature Range: -25/+120C
DC Resistance: 680 mOhms
Ā© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 11/19/2018 - a0c640ef-a6b2-41d8-bdec-a700a68a5c16




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl