Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMKC03-12S12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PMKC03-12S12
Description  3 Watts of Output Power From a Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PMKC03-12S12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PMKC03-12S12 Datasheet HTML 1Page - List of Unclassifed Manufacturers PMKC03-12S12 Datasheet HTML 2Page - List of Unclassifed Manufacturers PMKC03-12S12 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OUTPUT SPECIFICATIONS
Output power
3 Watts max
Voltage accuracy
Full load and nominal Vin
± 1%
Minimum load (Note 1)
10% of FL
Line regulation
LL to HL at Full Load
DS
± 0.2%
± 0.5%
Load regulation
25% to 100% FL Single
Dual
DS
± 0.2%
± 2%
± 0.5%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
3.3V/5V
others
75mVp-p
1%/p-p of Vout max
Temperature coefficient
±0.02% / ºC, max
Transient response recovery time 25% load step change
500uS
Over load protection
% of FL at nominal input
180% typ
Short circuit protection
Continuous, automatics recovery
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
24V nominal input
48V nominal input
4.5 – 6VDC
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
5V input
12V input
24V input
48V input
15VDC
36VDC
50VDC
100VDC
Input reflected ripple
(Note2)
Nominal Vin and full load
120mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
30mS typ
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
DS Type, Output to Output
1600VDC, min
500VDC, min
Isolation resistance
10
9ohms, min
Isolation capacitance
300pF, max
Switching frequency
100KHz, min
Approvals and standard
IEC60950-1, UL1950-1, EN60950-1
Case material
Non-conductive black plastic
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
14g (0.48oz)
15g (0.52oz)
MTBF (Note 3)
3.706 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
-25ºC ~ +71ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 10G, 30minutes along X,Y and Z
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions
EN55022
Class A
Radiated emissions
EN55022
Class A
ESD
EN61000-4-2
Perf. Criteria B
Radiated immunity
EN61000-4-3
Perf. Criteria A
Fast transient
EN61000-4-4
Perf. Criteria B
Surge
EN61000-4-5
Perf. Criteria B
Conducted immunity
EN61000-4-6
Perf. Criteria A
The PMKC03 series offer 3 watts of output power from a package in an IC compatible
24pin DIP configuration without derating to 71ºC ambient temperature. PMKC03 series
have 2:1 wide input voltage of 4.5-6, 9-18, 18-36 and 36-75VDC. The PMKC03 features
1600VDC of isolation, short-circuit protection. All models are particularly suited to
telecommunications, industrial, mobile telecom and test equipment applications.
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
3 WATTS REGULATED OUTPUT POWER
2:1 WIDE INPUT VOLTAGE RANGE
INTERNATIONAL SAFETY STANDARD APPROVAL
INCLUDE 3.3VDC OUTPUT
HIGH EFFICIENCY UP TO 80%
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
DUAL SEPARATE OUTPUT
UL
E193009
TUV
CB
CE MARK
50 60 70 80 90 100
-40-25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
PMKC03-48S05 Derating Curve
Nature convection
VER:03
1
/
3


Similar Part No. - PMKC03-12S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PMKC03-12S12 P-DUKE-PMKC03-12S12 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PMKC03-12S12 RSG-PMKC03-12S12 Datasheet
245Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PMKC03-12S12 P-DUKE-PMKC03-12S12 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PMKC03-12S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC10 ETC1-FDC10 Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
TEM03-05S33 P-DUKE-TEM03-05S33 Datasheet
280Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Wall Industries,Inc.
LANEUW3 WALL-LANEUW3 Datasheet
300Kb / 5P
   3 Watts Maximum Output Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com