Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXQCM598-AL-AU Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXQCM598-AL-AU
Description  Quartz Crystal Microbalance Element (Monitor Crystal)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXQCM598-AL-AU Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXQCM598-AL-AU Datasheet HTML 1Page - Advanced XTAL Products AXQCM598-AL-AU Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXQCM598‐Al‐Au 
www.axtal.com 
Roemerring 9 
Drawing D1 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
page 
1(2) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Specification  
AXQCM598‐Al‐Au 
Rev.: 2 
Date: 2014‐06‐02 
Type : 
    Quartz Crystal Microbalance Element (Monitor Crystal) 
 
Electrodes Maxtek Style
Parameter 
min.
typ.  max. Unit 
Condition 
Nominal frequency 
6.000 
MHz  
Adjustment frequency 
5.983 
MHz  
Crystal cut 
AT  
 
Overtone 
1  
 
Adjustment tolerance 
‐7  
+7 
kHz 
@ 25°C 
Frequency stability 
   
 
 
Over operating temperature range ‐50  
+50 
ppm  
Resonance resistance Rr 
  
15 
 
Motional capacitance C1 
   
fF  
Shunt capacitance C0 
  
pF  
Drive level 
 
100  
µW 
 
Operating temperature range 
0  
+70 
°C  
Storage temperature range 
‐40  
+105  °C  
QCM diameter 
13.97 ± 0.03 
mm  
Blank surface quality 
Fine lapped  
 
Electrode diameter Side A 
13.0 ± 0.1 
mm 
Fully plated 
Electrode material Side A 
Cr‐Al  
 
Electrode diameter Side B 
6.4 
mm 
See drawing 
Electrode material Side B 
Cr‐Au  
 
 
 
Side A   (Plane)                                                               Side B (Convex) 
Ordering Code: 
 
 
Model (Specification) 
Frequency [MHz] 
AXQCM598‐Al‐Au 
5.983 
 
φ 13mm±0. 1mm


Similar Part No. - AXQCM598-AL-AU

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXQCM598-AL AXTAL-AXQCM598-AL Datasheet
106Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM598-ALLOY AXTAL-AXQCM598-ALLOY Datasheet
246Kb / 2P
   Quartz Crystal Microbalance Element
More results

Similar Description - AXQCM598-AL-AU

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXQCV500-AU AXTAL-AXQCV500-AU Datasheet
235Kb / 2P
   Quartz Crystal Microbalance Element (Monitor Crystal)
AXQCM610-AG AXTAL-AXQCM610-AG Datasheet
242Kb / 2P
   Quartz Crystal Microbalance Element (Monitor Crystal)
AXQCM610-AU AXTAL-AXQCM610-AU Datasheet
242Kb / 2P
   Quartz Crystal Microbalance Element (Monitor Crystal)
AXQCM86-AU AXTAL-AXQCM86-AU Datasheet
220Kb / 2P
   Quartz Crystal Microbalance Element
AXQCM600-AU AXTAL-AXQCM600-AU Datasheet
242Kb / 2P
   Quartz Crystal Microbalance Element
AXQCM496-AG AXTAL-AXQCM496-AG Datasheet
140Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM496-TI AXTAL-AXQCM496-TI Datasheet
140Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM496-AU AXTAL-AXQCM496-AU Datasheet
140Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM598-AU AXTAL-AXQCM598-AU Datasheet
106Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM500-AG-AL AXTAL-AXQCM500-AG-AL Datasheet
242Kb / 2P
   Quartz Crystal Microbalance Element
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com