Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QF3305 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # QF3305
Description  Front End (Antenna) Crystal Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

QF3305 Datasheet(HTML) 1 Page - Advanced XTAL Products

  QF3305 Datasheet HTML 1Page - Advanced XTAL Products QF3305 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QF3305 Rev.1 
www.axtal.com 
Roemerring 9 
page 
1(2) 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Specification  
QF3305 
Rev.: 1 
Date: 2017‐01‐02 
Filter type : 
   Front End (Antenna) Crystal Filter
  
 
Parameter 
min.  typ.  max.  Unit 
Condition 
Frequency range 
135
180
MHz
Standard frequencies 
kHz
Pass bandwidth 
±12,5
kHz
@ 3 dB 
Pass band ripple 
1
dB
@ fo ± 8 kHz 
Insertion / transducer attenuation 
6
dB
Shape factor SF 
… dB / … dB 
Selectivity 
 
±30
kHz
@ 20 dB 
 
±80
kHz
@ 60 dB 
 
kHz
@ … dB 
Spurious response attenuation 
30
dB
Ultimate attenuation 
60
dB
Termination  
     Input 
50 // 0
 // pF 
     Output 
50 // 0
 // pF 
Group delay 
s 
Input Power 
     Nominal, permanent 
0,1
mW
     Maximum (for 10 sec) 
1
mW
Operating temperature range 
0
+60
°C
Operable temperature range 
‐20
+70
°C
Storage temperature range
‐40
+85
°C
Enclosure (see drawing) 
58.2x17.2x14
mm
Terminals  
SMA
female
Packing 
bulk
ESD Sensitivity 
1500
V
HBM as in IEC 61000‐4‐2
Notes: 
1.
Terminology and test conditions are according to IEC standard IEC60368‐1, unless otherwise stated  
2.
RF input power of >10 mW must be avoided, as it may result in permanent damage of the filter.  
 
 
 
Ordering Code: 
 
Model (Specification)
Frequency [MHz]
QF3305 
144,250 
 


Similar Part No. - QF3305

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
QF3300 AXTAL-QF3300 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
More results

Similar Description - QF3305

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
QF2405 AXTAL-QF2405 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF1405 AXTAL-QF1405 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF1605 AXTAL-QF1605 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF2605 AXTAL-QF2605 Datasheet
140Kb / 2P
   Front End (Antenna) Crystal Filter
QF3105 AXTAL-QF3105 Datasheet
141Kb / 2P
   Front End ( Antenna) Crystal Filter
QF1400 AXTAL-QF1400 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF1600 AXTAL-QF1600 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF2400 AXTAL-QF2400 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF3100 AXTAL-QF3100 Datasheet
209Kb / 2P
   Front End ( Antenna) Crystal Filter
QF30-05 AXTAL-QF30-05 Datasheet
140Kb / 2P
   Front End ( Antenna) Crystal Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com