Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7870SCU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPT7870SCU
Description  10-BIT, 100 MSPS ECL A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPT7870SCU Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPT7870SCU Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7870SCU Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7870SCU Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7870SCU Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7870SCU Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7870SCU Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7870SCU Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7870SCU Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPT7870
10-BIT, 100 MSPS ECL A/D CONVERTER
GENERAL DESCRIPTION
The SPT7870 is a 10-bit, 100 MSPS analog-to-digital con-
verter, with a two stage sub-ranging flash/folder architecture.
The bipolar, single-ended analog input provides an easy
interface for most applications. Programmable data output
formats provide additional ease of implementation and flex-
ibility. The device supports high-speed ECL- and PECL-level
outputs.
The resolution and performance of this device makes it well
suited for professional video and HDTV applications. The on-
chip track-and-hold provides for excellent AC performance
enabling this device to be a converter of choice for RF
communications and digital sampling oscilloscopes. The
SPT7870 is available in a 44L cerquad package in the
industrial temperature range and in die form.
BLOCK DIAGRAM
NCLK
Analog Input
VCC
CLK
Timing and Control
8-Bit Folder
ADC
(LSB)
T/H
3-Bit
Flash
(MSB)
3-Bit
DAC
Error Correction Logic
Σ
T/H
Output
Latch And
Buffers
D4
D3
D2
D1
D0
D9 (MSB)
D8
D7
D6
D5
D10 (Overrange)
MINV
LINV
VEE
AGND
DGND
VIN
Internal
+1.0 V Reference
Internal
-1.0 V Reference
Reference
Ladder
VT*
VM*
VB*
* Provided for reference decoupling purposes only.
FEATURES
• 10-Bit, 100 MSPS Analog-to-Digital Converter
• Monolithic Bipolar
• Single-Ended Bipolar Analog Input
• -1.0 V to +1.0 V Analog Input Range
• Internal Sample-and-Hold
• Internal Voltage Reference
• Programmable Data Output Formats
• Single Ended ECL/PECL Outputs
• TTL Version Available as the SPT7871
APPLICATIONS
• Professional Video
• HDTV
• Communications
• Imaging
• Digital Oscilloscopes
Signal Processing Technologies, Inc.
4755 Forge Road, Colorado Springs, Colorado 80907, USA
Phone: (719) 528-2300
FAX: (719) 528-2370
E-Mail: www.spt.com


Similar Part No. - SPT7870SCU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871SCU FAIRCHILD-SPT7871SCU Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871SCU CADEKA-SPT7871SCU Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871SIQ FAIRCHILD-SPT7871SIQ Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
More results

Similar Description - SPT7870SCU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7910 ETC2-SPT7910 Datasheet
94Kb / 11P
   12-BIT, 10 MSPS, ECL, A/D CONVERTER
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7810 CADEKA-SPT7810 Datasheet
437Kb / 9P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7814 CADEKA-SPT7814 Datasheet
3Mb / 11P
   10-BIT, 40 MSPS, ECL OUTPUT A/D CONVERTER
logo
Analog Devices
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com