Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T50AC80A Datasheet(PDF) 4 Page - International Rectifier

Part # T50AC80A
Description  50A POWER TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

T50AC80A Datasheet(HTML) 4 Page - International Rectifier

  T50AC80A Datasheet HTML 1Page - International Rectifier T50AC80A Datasheet HTML 2Page - International Rectifier T50AC80A Datasheet HTML 3Page - International Rectifier T50AC80A Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - T50AC80A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T50 VISHAY-T50 Datasheet
612Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors
T50 VISHAY-T50 Datasheet
647Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
logo
List of Unclassifed Man...
T50-24C3 ETC2-T50-24C3 Datasheet
490Kb / 2P
   C L A S S 2 T R ANS FORME R S
T50-24F3 ETC2-T50-24F3 Datasheet
490Kb / 2P
   C L A S S 2 T R ANS FORME R S
T50-24M3 ETC2-T50-24M3 Datasheet
490Kb / 2P
   C L A S S 2 T R ANS FORME R S
More results

Similar Description - T50AC80A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5683 MOSPEC-2N5683 Datasheet
185Kb / 4P
   POWER TRANSISTORS(50A,300W)
logo
Naina Semiconductor ltd...
1N6097 NAINA-1N6097 Datasheet
123Kb / 2P
   Schottky Power Diode, 50A
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Zetex Semiconductors
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
logo
American Zettler, Inc.
AZSR235 AZETTLER-AZSR235 Datasheet
1Mb / 2P
   50A (35A) MINIATURE POWER RELAY
logo
Rohm
RD3L03BBG ROHM-RD3L03BBG Datasheet
2Mb / 13P
   Nch 60V 50A Power MOSFET
20220926 - Rev.002
R6050JNZ4 ROHM-R6050JNZ4 Datasheet
2Mb / 14P
   Nch 600V 50A Power MOSFET
20190507 - Rev.001
RD3P05BAT ROHM-RD3P05BAT Datasheet
2Mb / 14P
   Pch -100V -50A Power MOSFET
20230105 - Rev.002
RD3R05BBH ROHM-RD3R05BBH Datasheet
2Mb / 13P
   Nch 150V 50A Power MOSFET
20221109 - Rev.002
RX3R05BBH ROHM-RX3R05BBH Datasheet
2Mb / 13P
   Nch 150V 50A Power MOSFET
20221109 - Rev.002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com