Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3357 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3357
Description  SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3357 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS5A3357 Datasheet HTML 2Page - Texas Instruments TS5A3357 Datasheet HTML 3Page - Texas Instruments TS5A3357 Datasheet HTML 4Page - Texas Instruments TS5A3357 Datasheet HTML 5Page - Texas Instruments TS5A3357 Datasheet HTML 6Page - Texas Instruments TS5A3357 Datasheet HTML 7Page - Texas Instruments TS5A3357 Datasheet HTML 8Page - Texas Instruments TS5A3357 Datasheet HTML 9Page - Texas Instruments TS5A3357 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TS5A3357
SINGLE 5 W SP3T ANALOG SWITCH
5V/3.3V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCDS177 – OCTOBER 2004
www.ti.com
6
Electrical Characteristics for 3.3 V Supply (continued)
(V+ = 3 V TO 3.6 V AND TA = −40 °C TO 85 °C) (UNLESS OTHERWISE NOTED)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
DYNAMIC
Turn-On Time
tON
VNO = V+ or GND,
CL = 50 pF,
25
°C
3 V to 3.6 V
2
9.5
ns
Turn-On Time
tON
VNO = V+ or GND,
RL = 500 Ω,
CL = 50 pF,
see Figure 15
Full
3 V to 3.6 V
2
11
ns
Turn-Off Time
tOFF
VNO = V+ or GND,
CL = 50 pF,
25
°C
3 V to 3.6 V
1.3
5.1
ns
Turn-Off Time
tOFF
VNO = V+ or GND,
RL = 500 Ω,
CL = 50 pF,
see Figure 15
Full
3 V to 3.6 V
1.5
5.5
ns
Break-Before-Make
Time
tBBM
VNO = V+,
CL = 35 pF,
25
°C
3 V to 3.6 V
0.5
ns
Break-Before-Make
Time
tBBM
VNO = V+,
RL = 500 Ω,
CL = 35 pF,
see Figure 16
Full
3 V to 3.6 V
0.5
ns
Charge Injection
QC
CL = 0.1 nF, VGEN = 0 V,
see Figure 20
25
°C
3.3 V
1.75
pC
NO Off-Capacitance
CNO(OFF)
VNO = V+ or GND,
Switch OFF,
see Figure 14
25
°C
3.3 V
4.5
pF
COM
Off-Capacitance
CCOM(OFF)
VNO = V+ or GND,
Switch OFF,
see Figure 14
25
°C
3.3 V
10.5
pF
NO On-Capacitance
CNO(ON)
VNO = V+ or GND,
Switch ON,
see Figure 14
25
°C
3.3V
17
pF
COM
On-Capacitance
CCOM(ON)
VCOM = V+ or GND,
Switch ON,
see Figure 14
25
°C
3.3 V
17
pF
Digital Input
Capacitance
CIN
VIN = V+ or GND,
see Figure 14
25
°C
3.3 V
3
pF
Bandwidth
BW
RL = 50 Ω,
Switch ON,
see Figure 17
25
°C
3 V to 3.6 V
327
MHz
Off-Isolation
OISO
RL = 50 Ω,
f = 10 MHz,
Switch OFF,
see Figure 18
25
°C
3 V to 3.6 V
−82
dB
Crosstalk
XTALK
RL = 50 Ω,
f = 10 MHz,
Switch ON,
see Figure 19
25
°C
3 V to 3.6 V
−62
dB
SUPPLY
Positive Supply
I+
VIN = V+ or GND,
Switch ON or OFF
25
°C
3.6 V
1
µA
Positive Supply
Current
I+
VIN = V+ or GND,
Switch ON or OFF
Full
3.6 V
10
µA
(1) All typical values are at V+ = 3.3 V, TA = 25°C.


Similar Part No. - TS5A3357

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI1-TS5A3357 Datasheet
997Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH
TS5A3357 TI-TS5A3357 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A3357

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com