Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3189 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 3189
Description  HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3189 Datasheet(HTML) 8 Page - Allegro MicroSystems

  3189 Datasheet HTML 1Page - Allegro MicroSystems 3189 Datasheet HTML 2Page - Allegro MicroSystems 3189 Datasheet HTML 3Page - Allegro MicroSystems 3189 Datasheet HTML 4Page - Allegro MicroSystems 3189 Datasheet HTML 5Page - Allegro MicroSystems 3189 Datasheet HTML 6Page - Allegro MicroSystems 3189 Datasheet HTML 7Page - Allegro MicroSystems 3189 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3185 THRU 3189
HALL-EFFECT LATCHES
FOR HIGH-TEMPERATURE
OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
HALL-EFFECT SENSORS
LATCHING HALL-EFFECT DIGITAL SWITCHES
Partial
Operate
Release
Hysteresis
Replaces
Part
Point (G)
Point (G)
(G)
Oper.
and
Number
Over Oper. Voltage & Temp. Range
Temp.
Packages
Comments
UGN3175
15 to 180
-180 to -15
>80 (Typ 180)
S
LT, UA
UGN3177
25 to 150
-150 to -25
>50 (Typ 180)
S
LT, UA
A3185x
140 to 300
-300 to -140
280 to 600
E/L
LT, UA
A3187x
50 to 175
-175 to -50
100 to 350
E/L
LT, UA
3077, 3175, 3177
A3188x
80 to 200
-200 to -80
160 to 400
E/L
LT, UA
A3189x
50 to 250
-250 to -50
100 to 500
E/L
LT, UA
3075, 3076
A3280x
5 to 40
-40 to -5
10 to 80
E/L
LH, LT, UA
chopper stabilized
A3281x
15 to 90
-90 to -15
30 to 180
E/L
LH, LT, UA
chopper stabilized
A3283x
100 to 180
-180 to -100
<400 (Typ 300)
E/L
LH, LT, UA
chopper stabilized
“PROTECTED” LATCHING HALL-EFFECT DIGITAL SWITCHES
Partial
Operate
Release
Hysteresis
Part
Point (G)
Point (G)
(G)
Oper.
Number
Over Oper. Voltage & Temp. Range
Temp.
Packages
Comments
A3195x
40 to 200
-200 to -40
>110 (Typ 220)
E, L
U, LT
active pulldown
A3197x
40 to 200
-200 to -40
>110 (Typ 230)
E, L
U, LT
open-collector output
Notes: 1) Typical data is at TA = +25°C and nominal operating voltage.
2) “x” = Operating Temperature Range [suffix letter or (prefix)]: S (UGN) = -20
°C to +85°C, E = -40°C to +85°C,
J = -40
°C to +115°C, K (UGS) = -40°C to +125°C, L (UGL) = -40°C to +150°C.


Similar Part No. - 3189

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3189 ETC2-3189 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
logo
Allegro MicroSystems
3189 ALLEGRO-3189 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3189 ETC2-3189 Datasheet
68Kb / 1P
   WASHERS
logo
Tyco Electronics
31890 MACOM-31890 Datasheet
258Kb / 30P
   Standard Terminals and Splices
More results

Similar Description - 3189

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3185 ALLEGRO-3185 Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_12 Datasheet
196Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1901 UTC-SK1901_17 Datasheet
222Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
3121 ALLEGRO-3121 Datasheet
151Kb / 8P
   HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
APS12200 ALLEGRO-APS12200 Datasheet
1Mb / 16P
   High-Temperature Precision Hall-Effect Latches
A3141 ALLEGRO-A3141 Datasheet
717Kb / 9P
   Sensitive Hall Effect Switches for High-Temperature Operation
3141 ALLEGRO-3141 Datasheet
142Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com