Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL38065QCG Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # ZL38065QCG
Description  32 Channel Voice Echo Canceller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL38065QCG Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button ZL38065QCG Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL38065QCG Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL38065QCG Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL38065QCG Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL38065QCG Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL38065QCG Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL38065QCG Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL38065QCG Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL38065QCG Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
ZL38065
Data Sheet
10
Zarlink Semiconductor Inc.
1.0
Device Overview
The ZL38065 architecture contains 32 echo cancellers divided into 16 groups. Each group has two echo cancellers,
Echo Canceller A and Echo Canceller B. Each group can be configured in Normal, Extended Delay or Back-to-
Back configurations. In Normal configuration, a group of echo cancellers provides two channels of 64 ms echo
cancellation, which run independently on different channels. In Extended Delay configuration, a group of echo
cancellers achieves 128 ms of echo cancellation by cascading the two echo cancellers (A & B). In Back-to-Back
configuration, the two echo cancellers from the same group are positioned to cancel echo coming from both
directions in a single channel, providing full-duplex 64 ms echo cancellation.
Each echo canceller contains the following main elements (see Figure 4).
• Adaptive Filter for estimating the echo channel
• Subtractor for cancelling the echo
• Double-Talk detector for disabling the filter adaptation during periods of double-talk
• Path Change detector for fast reconvergence on major echo path changes
• Instability Detector to combat instability in very low ERL environments
• Patented Advanced Non-Linear Processor for suppression of residual echo, with comfort noise injection
• Disable Tone Detectors for detecting valid disable tones at send and receive path inputs
• Narrow-Band Detector for preventing Adaptive Filter divergence from narrow-band signals
• Offset Null filters for removing the DC component in PCM channels
• +9 to -12 dB level adjusters at all signal ports
• Parallel controller interface compatible with Motorola microcontrollers
• PCM encoder/decoder compatible with
µ/A-Law ITU-T G.711 or Sign-Magnitude coding
Each echo canceller in the ZL38065 has four functional states: Mute, Bypass, Disable Adaptation and Enable
Adaptation. These are explained in section 3.0, “Echo Canceller Functional States“.
Figure 4 - Functional Block Diagram
Σ
Non-Linear
Processor
Offset
Null
Linear/
µ/A-Law
Microprocessor
Interface
Double - Talk
Detector
Narrow-Band
Detector
µ/A-Law/
Linear
Offset
Null
Echo Canceller (N), where 0 < N < 31
Sout
Rin
Sin
Rout
-
Programmable Bypass
(channel N)
(channel N)
(channel N)
(channel N)
ST-BUS
ST-BUS
PORT2
PORT1
MuteR
MuteS
+9 to -12 dB
Level Adjust
Linear/
µ/A-Law
+9 to -12 dB
Level Adjust
+9 to -12 dB
Level Adjust
µ/A-Law/
Linear
+9 to -12 dB
Level Adjust
Disable Tone
Detector
Disable Tone
Detector
Detector
Path Change
Instability
Detector


Similar Part No. - ZL38065QCG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL38065QCG ZARLINK-ZL38065QCG Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL38065QCG1 ZARLINK-ZL38065QCG1 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
More results

Similar Description - ZL38065QCG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50212 ZARLINK-ZL50212 Datasheet
803Kb / 42P
   288 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070_06 Datasheet
835Kb / 51P
   256 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com