Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5261JI-00TE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT5261JI-00TE13
Description  Dual Digitally Programmable Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5261JI-00TE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT5261JI-00TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT5261JI-00TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT5261JI-00TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT5261JI-00TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT5261JI-00TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5261JI-00TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT5261JI-00TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT5261JI-00TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT5261JI-00TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
CAT5261
Document No. 2122, Rev. B
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias .................. -55
°C to +125°C
Storage Temperature ........................ -65
°C to +150°C
Voltage on any Pin with
Respect to VSS(1)(2) ................ -2.0V to +VCC +2.0V
VCC with Respect to Ground ................ -2.0V to +7.0V
Package Power Dissipation
Capability (TA = 25
°C) ................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Wiper Current .................................................... +6mA
Notes:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC voltage on output
pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(2) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
*COMMENT
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions outside of those listed in the operational sections
of this specification is not implied. Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability.
Recommended Operating Conditions:
VCC = +2.5V to +6.0V
Temperature
Min
Max
Industrial
-40
°C85°C
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2)
Absolute linearity is utilitzed to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a potentiometer.
(3) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(4) LSB = RTOT / 255 or (RH - RL) / 255, single pot
(5) n = 0, 1, 2, ..., 255
POTENTIOMETER CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
RPOT
Potentiometer Resistance (-00
)
100
k
RPOT
Potentiometer Resistance (-50
)
50
k
Potentiometer Resistance
+20
%
Tolerance
RPOT Matching
1
%
Power Rating
25
°C, each pot
50
mW
IW
Wiper Current
+3
mA
RW
Wiper Resistance
IW = +3mA @ VCC =3V
200
300
RW
Wiper Resistance
IW = +3mA @ VCC = 5V
100
150
VTERM
Voltage on any RH or RL Pin
VSS = 0V
GND
VCC
V
VN
Noise
(1)
nV/ Hz
Resolution
0.4
%
Absolute Linearity (2)
Rw(n)(actual)-R(n)(expected)(5)
+1
LSB (4)
Relative Linearity (3)
Rw(n+1)-[Rw(n)+LSB](5)
+0.2
LSB (4)
TCRPOT
Temperature Coefficient of RPOT
(1)
+300
ppm/
°C
TCRATIO
Ratiometric Temp. Coefficient
(1)
20
ppm/
°C
CH/CL/CW
Potentiometer Capacitances
(1)
10/10/25
pF
fc
Frequency Response
RPOT = 50k
(1)
0.4
MHz


Similar Part No. - CAT5261JI-00TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT5261 CATALYST-CAT5261 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5261 ONSEMI-CAT5261 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
logo
Catalyst Semiconductor
CAT5261WI-00 CATALYST-CAT5261WI-00 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
More results

Similar Description - CAT5261JI-00TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
   Configured Digitally Programmable Potentiometer
CAT524 CATALYST-CAT524_04 Datasheet
105Kb / 13P
   Configured Digitally Programmable Potentiometer
CAT523 CATALYST-CAT523_04 Datasheet
102Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT522 CATALYST-CAT522_04 Datasheet
85Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT525 CATALYST-CAT525_04 Datasheet
99Kb / 12P
   Configured Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
CAT5132 CATALYST-CAT5132_06 Datasheet
540Kb / 14P
   16 Volt Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com