Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5116UITSSOP Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT5116UITSSOP
Description  Log-Taper, 100-Tap Digitally Programmable Potentiometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5116UITSSOP Datasheet(HTML) 6 Page - Catalyst Semiconductor

  CAT5116UITSSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5116UITSSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5116UITSSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5116UITSSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5116UITSSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5116UITSSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5116UITSSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5116UITSSOP Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CAT5116
6
Doc. No. 2118, Rev. J
AC Timing
CS
INC
U
/D
RW
t
CI
t
CYC
t
IL
MI
(3)
90%
90%
10%
(store)
t
F
t
R
t
IW
tID
tDI
t
IH
t
CPH
t
IC
(1) Typical values are for TA=25˚C and nominal supply voltage.
(2) This parameter is periodically sampled and not 100% tested.
(3) MI in the AC Timing diagram refers to the minimum incremental change in the W output due to a change in the wiper position.
DEVICE OPERATION
The CAT5116 operates like a digitally controlled
potentiometer with RH and RL equivalent to the high
and low terminals and RW equivalent to the mechanical
potentiometer's wiper. There are 100 tap positions
including the resistor end points, RH and RL. There are
99 resistor elements connected in series between the
RH and RL terminals. The wiper terminal is
connected to one of the 100 taps and is controlled by
three inputs,
INC, U/D and CS. These inputs control a
seven-bit up/down counter whose output is decoded to
select the wiper position. The selected wiper position
can be stored in nonvolatile memory using the
INC and
CS inputs.
With
CS set LOW the CAT5116 is selected and will
respond to the U/
D and INC inputs. HIGH to LOW
transitions on
INC wil increment or decrement the
wiper (depending on the state of the U/
D input and
seven-bit counter). The wiper, when at either fixed
terminal, acts like its mechanical equivalent and does
not move beyond the last position. The value of the
counter is stored in nonvolatile memory whenever
CS
transitions HIGH while the
INC input is also HIGH. When
the CAT5116 is powered-down, the last stored wiper
counter position is maintained in the nonvolatile memory.
When power is restored, the contents of the memory are
recalled and the counter is set to the value stored.
With
INC set low, the CAT5116 may be de-selected
and powered down without storing the current wiper
position in nonvolatile memory. This allows the
system to always power up to a preset value stored
in nonvolatile memory.
OPERATING MODES
Potentiometer
Equivalent Circuit
RL
CL
CH
RH
CW
RW
Rwi
X: High or Low
INC
CS
U/D
Operation
High to Low
Low
High
Wiper Toward H
High to Low
Low
Low
Wiper Toward L
High
Low to High
X
Store Wiper Position
Low
Low to High
X
No Store, Return to Standby
X
High
X
Standby


Similar Part No. - CAT5116UITSSOP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT5116 CATALYST-CAT5116 Datasheet
264Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116 ONSEMI-CAT5116 Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
CAT5116 ONSEMI-CAT5116 Datasheet
165Kb / 11P
   Log?릘aper, 100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 14
CAT5116LI ONSEMI-CAT5116LI Datasheet
165Kb / 11P
   Log?릘aper, 100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 14
More results

Similar Description - CAT5116UITSSOP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
593Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
CAT5116 ONSEMI-CAT5116 Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116_07 Datasheet
264Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
CAT5113 CATALYST-CAT5113 Datasheet
452Kb / 9P
   100-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5113LI-01-G ONSEMI-CAT5113LI-01-G Datasheet
222Kb / 13P
   100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2009 Rev. X
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com