Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWP7-CG Datasheet(PDF) 7 Page - IXYS Corporation

Part # CWP7-CG
Description  Rectifier Diodes & FRED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CWP7-CG Datasheet(HTML) 7 Page - IXYS Corporation

Back Button CWP7-CG Datasheet HTML 3Page - IXYS Corporation CWP7-CG Datasheet HTML 4Page - IXYS Corporation CWP7-CG Datasheet HTML 5Page - IXYS Corporation CWP7-CG Datasheet HTML 6Page - IXYS Corporation CWP7-CG Datasheet HTML 7Page - IXYS Corporation CWP7-CG Datasheet HTML 8Page - IXYS Corporation CWP7-CG Datasheet HTML 9Page - IXYS Corporation CWP7-CG Datasheet HTML 10Page - IXYS Corporation CWP7-CG Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
19
© 2004 IXYS All rights reserved
DWN
DWP
Rectifier Diodes
Type
Si-
thickn.
AB
mm
mm
mm
DWN 5
1123
4.40
2.10
0.265
DWP 5
716
4.40
2.10
0.265
DWN 2
1204
2.95
2.95
0.265
DWN 9
684
3.90
3.90
0.265
DWN 17
518
4.45
4.45
0.265
DWP 17
518
4.45
4.45
0.265
DWN 21
346
5.40
5.40
0.265
DWP 21
346
5.40
5.40
0.265
DWN 35
259
6.20
6.20
0.265
DWP 35
259
6.20
6.20
0.265
DWN 50
198
7.10
7.10
0.265
DWP 50
198
7.10
7.10
0.265
DWN 75
125
8.70
8.70
0.265
DWP 75
125
8.70
8.70
0.265
DWN 110
58
12.30
12.30
0.265
DWP 110
58
12.30
12.30
0.265
DWN 340
32
16.20
16.20
0.265
DWN 108
58
12.30
12.30
0.315
DWN 347
16
25.30
18.50
0.315
Tolerance
-0.1
-0.1
±5%
Wafer
Dimensions
Chips
per


Similar Part No. - CWP7-CG

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CWP-0061B1 PREMO-CWP-0061B1 Datasheet
348Kb / 2P
   High Precission 50 Hz KWh-meter Current Transformer
CWP-0062B1 PREMO-CWP-0062B1 Datasheet
348Kb / 2P
   High Precission 50 Hz KWh-meter Current Transformer
CWP-0600B2 PREMO-CWP-0600B2 Datasheet
348Kb / 2P
   High Precission 50 Hz KWh-meter Current Transformer
CWP-1000B3 PREMO-CWP-1000B3 Datasheet
348Kb / 2P
   High Precission 50 Hz KWh-meter Current Transformer
logo
PANDUIT CORP.
CWPP12WBL PANDUIT-CWPP12WBL Datasheet
142Kb / 1P
   Mini-Com 12-Port Modular Faceplate Patch Panels
More results

Similar Description - CWP7-CG

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBE60-06A IXYS-VBE60-06A Datasheet
41Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
L566 IXYS-L566 Datasheet
54Kb / 2P
   Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE17-06NO7 IXYS-VBE17-06NO7 Datasheet
189Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-12NO7 IXYS-VBE100-12NO7 Datasheet
55Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE20 IXYS-VBE20 Datasheet
61Kb / 1P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE35-06NO7 IXYS-VUE35-06NO7 Datasheet
186Kb / 2P
   Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-06NO7 IXYS-VBE100-06NO7 Datasheet
53Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
Shenzhen Luguang Electr...
MUR80120P LUGUANG-MUR80120P Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes FRED Pt
Revision:20220701-P1
logo
IXYS Corporation
L363 IXYS-L363 Datasheet
315Kb / 2P
   ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)
VUE75-12NO7 IXYS-VUE75-12NO7 Datasheet
186Kb / 2P
   ECO-PAC Threee Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com