Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3245 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL3245
Description  1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3245 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL3245 Datasheet HTML 5Page - Intersil Corporation ICL3245 Datasheet HTML 6Page - Intersil Corporation ICL3245 Datasheet HTML 7Page - Intersil Corporation ICL3245 Datasheet HTML 8Page - Intersil Corporation ICL3245 Datasheet HTML 9Page - Intersil Corporation ICL3245 Datasheet HTML 10Page - Intersil Corporation ICL3245 Datasheet HTML 11Page - Intersil Corporation ICL3245 Datasheet HTML 12Page - Intersil Corporation ICL3245 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
With any of the above control schemes, the time required to
exit powerdown, and resume transmission is only 100
µs.
When using both manual and enhanced automatic powerdown
(FORCEON = 0), the ICL32XX won’t power up from manual
powerdown until both FORCEOFF and FORCEON are driven
high, or until a transition occurs on a receiver or transmitter
input. Figure 5 illustrates a circuit for ensuring that the ICL32XX
powers up as soon as FORCEOFF switches high. The rising
edge of the Master Powerdown signal forces the device to
power up, and the ICL32XX returns to enhanced automatic
powerdown mode an RC time constant after this rising edge.
The time constant isn’t critical, because the ICL32XX remains
powered up for 30 seconds after the FORCEON falling edge,
even if there are no signal transitions. This gives slow-to-wake
systems (e.g., a mouse) plenty of time to start transmitting, and
as long as it starts transmitting within 30 seconds both systems
remain enabled.
INVALID Output
The INVALID output always indicates (see Table 2) whether or
not 30
µs have elapsed with invalid RS-232 signals (see Figures
6 and 8) persisting on all of the receiver inputs, giving the user
an easy way to determine when the interface block should
power down. Invalid receiver levels occur whenever the driving
peripheral’s outputs are shut off (powered down) or when the
RS-232 interface cable is disconnected. In the case of a
disconnected interface cable where all the receiver inputs are
floating (but pulled to GND by the internal receiver pull down
resistors), the INVALID logic detects the invalid levels and
drives the output low. The power management logic then uses
this indicator to power down the interface block. Reconnecting
the cable restores valid levels at the receiver inputs, INVALID
switches high, and the power management logic wakes up the
interface block. INVALID can also be used to indicate the DTR
or RING INDICATOR signal, as long as the other receiver
inputs are floating, or driven to GND (as in the case of a
powered down driver).
Enhanced Automatic Powerdown
Even greater power savings is available by using these
devices which feature an enhanced automatic powerdown
function. When the enhanced powerdown logic determines
that no transitions have occurred on any of the transmitter
nor receiver inputs for 30 seconds, the charge pump and
transmitters powerdown, thereby reducing supply current to
1
µA. The ICL32XX automatically powers back up whenever
it detects a transition on one of these inputs. This automatic
powerdown feature provides additional system power
savings without changes to the existing operating system.
Enhanced automatic powerdown operates when the
FORCEON input is low, and the FORCEOFF input is high.
Tying FORCEON high disables automatic powerdown, but
manual powerdown is always available via the overriding
FORCEOFF input. Table 2 summarizes the enhanced
automatic powerdown functionality.
FIGURE 4. CONNECTIONS FOR MANUAL POWERDOWN
WHEN NO VALID RECEIVER SIGNALS ARE
PRESENT
PWR
FORCEOFF
INVALID
CPU
I/O
FORCEON
ICL32XX
MGT
LOGIC
UART
FIGURE 5. CIRCUIT TO ENSURE IMMEDIATE POWER UP
WHEN EXITING FORCED POWERDOWN
FORCEOFF
FORCEON
POWER
MASTER POWERDOWN LINE
1M
0.1
µF
MANAGEMENT
UNIT
ICL32XX
FIGURE 6. DEFINITION OF VALID RS-232 RECEIVER LEVELS
0.3V
-0.3V
-2.7V
2.7V
INVALID LEVEL - INVALID = 0
VALID RS-232 LEVEL - INVALID = 1
VALID RS-232 LEVEL - INVALID = 1
INDETERMINATE
INDETERMINATE
FIGURE 7. ENHANCED AUTOMATIC POWERDOWN LOGIC
30s
TIMER
S
R
FORCEOFF
AUTOSHDN
FORCEON
R_IN
T_IN
EDGE
DETECT
EDGE
DETECT
ICL3225, ICL3227, ICL3245


Similar Part No. - ICL3245

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3245 INTERSIL-ICL3245 Datasheet
461Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3245 INTERSIL-ICL3245 Datasheet
380Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3245 RENESAS-ICL3245 Datasheet
830Kb / 19P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3245CA INTERSIL-ICL3245CA Datasheet
461Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3245CA INTERSIL-ICL3245CA Datasheet
380Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3245

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225 INTERSIL-ICL3225_06 Datasheet
380Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225 RENESAS-ICL3225 Datasheet
830Kb / 19P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3225 INTERSIL-ICL3225 Datasheet
461Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com